Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL5209-50DR Datasheet(PDF) 7 Page - Texas Instruments |
|
TL5209-50DR Datasheet(HTML) 7 Page - Texas Instruments |
7 / 22 page www.ti.com TL5209 500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN SLVS581 – SEPTEMBER 2006 Electrical Characteristics (continued) V IN = VOUT + 1 V, COUT = 4.7 µF, IOUT = 1 mA, full range TJ = –40°C to 125°C PARAMETER TEST CONDITIONS TJ MIN TYP MAX UNIT VEN ≤ 0.4 V (shutdown) 25 °C 0.01 –1 VEN ≤ 0.18 V (shutdown) Full range 0.01 –2 IEN Enable input current µA 25 °C 5 20 VEN ≥ 2 V (enabled) Full range 25 7 Submit Documentation Feedback |
Número de pieza similar - TL5209-50DR |
|
Descripción similar - TL5209-50DR |