Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT93C76ZD4ITE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor |
|
CAT93C76ZD4ITE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor |
3 / 10 page 3 CAT93C76 Doc. No. 1090, Rev. A PIN CAPACITANCE Symbol Test Conditions Min Typ Max Units COUT(1) Output Capacitance (DO) VOUT=0V 5 pF CIN(1) Input Capacitance (CS, SK, DI, ORG) VIN=0V 5 pF INSTRUCTION SET(2) Limits VCC = VCC = 1.8V-2.5V 2.5V-5.5V Test Symbol Parameter Conditions Min Max Min Max Units tCSS CS Setup Time 100 50 ns tCSH CS Hold Time 0 0 ns tDIS DI Setup Time 100 50 ns tDIH DI Hold Time 100 50 ns tPD1 Output Delay to 1 250 150 ns tPD0 Output Delay to 0 250 150 ns tHZ(1) Output Delay to High-Z 150 100 ns tEW Program/Erase Pulse Width 5 5 ms tCSMIN Minimum CS Low Time 200 150 ns tSKHI Minimum SK High Time 250 150 ns tSKLOW Minimum SK Low Time 250 150 ns tSV Output Delay to Status Valid 250 100 ns SKMAX Maximum Clock Frequency DC 1000 DC 3000 kHz A.C. CHARACTERISTICS CL = 100pF (3) NOTE: (1) These parameters are tested initially and after a design or process change that affects the parameter. (2) Address bit A10 for the 1,024x8 org. and A9 for the 512x16 org. are “don’t care” bits, but must be kept at either a “1” or “0” for READ, WRITE and ERASE commands. (3) The input levels and timing reference points are shown in the “AC Test Conditions” table. n o i t c u r t s n It i B t r a t Se d o c p O s s e r d d Aa t a D s t n e m m o C 8 x6 1 x8 x6 1 x D A E R1 0 10 A - 0 1 A0 A - 9 A0 A – N A s s e r d d A d a e R E S A R E1 1 10 A - 0 1 A0 A - 9 A0 A – N A s s e r d d A r a e l C E T I R W1 1 00 A - 0 1 A0 A - 9 A0 D - 7 D0 D - 5 1 D0 A – N A s s e r d d A e t i r W N E W E1 0 0 X X X X X 1 1X X X XX X X X 1 1X X X X e l b a n E e t i r W S D W E1 0 0 0 0X X X X XX X X X0 0X X X XX X X X e l b a s i D e t i r W L A R E1 0 0 0 1X X X X XX X X X0 1X X X XX X X X s e s s e r d d A ll A r a e l C L A R W1 0 0 1 0X X X X XX X X X1 0X X X XX X X X 0 D - 7 D0 D - 5 1 Ds e s s e r d d A ll A e t i r W |
Número de pieza similar - CAT93C76ZD4ITE13 |
|
Descripción similar - CAT93C76ZD4ITE13 |