Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CAT25080 Datasheet(Hoja de datos) 3 Page - Catalyst Semiconductor

No. de Pieza. CAT25080
Descripción  8-Kb and 16-Kb SPI Serial CMOS EEPROM
Descarga  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

 
 3 page
background image
CAT25080, CAT25160
© 2006 Catalyst Semiconductor, Inc.
3
Doc. No. 1122 Rev. A
Characteristics subject to change without notice
A.C. CHARACTERISTICS
TA = -40°C to +85°C, unless otherwise specified.
(1)
VCC = 1.8V-5.5V
VCC = 2.5V-5.5V
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
fSCK
Clock Frequency
DC
5
DC
10
MHz
tSU
Data Setup Time
30
20
ns
tH
Data Hold Time
30
20
ns
tWH
SCK High Time
75
40
ns
tWL
SCK Low Time
75
40
ns
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
50
25
ns
tRI
(2)
Input Rise Time
2
2
µs
tFI
(2)
Input Fall Time
2
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
0
0
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
10
10
ns
tV
Output Valid from Clock Low
75
40
ns
tHO
Output Hold Time
0
0
ns
tDIS
Output Disable Time
50
20
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
100
25
ns
tCS
CS
¯¯ High Time
50
15
ns
tCSS
CS
¯¯ Setup Time
50
15
ns
tCSH
CS
¯¯ Hold Time
50
15
ns
tWPS
WP
¯¯¯ Setup Time
10
10
ns
tWPH
WP
¯¯¯ Hold Time
10
10
ns
tWC
(4)
Write Cycle Time
5
5
ms
Power-Up Timing
(2)(3)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
Notes:
(1) AC Test Conditions:
Input Pulse Voltages: 0.3VCC to 0.7VCC
Input rise and fall times: ≤ 10ns
Input and output reference voltages: 0.5VCC
Output load: current source IOL max/IOH max; CL = 50pF
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(4) tWC is the time from the rising edge of CS
¯¯ after a valid write sequence to the end of the internal write cycle.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CAT15008Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT15002Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT250201K/2K/4K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
M95040_064 Kbit 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock 1 2 3 4 5 MoreSTMicroelectronics
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M9532032 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock 1 2 3 4 5 MoreSTMicroelectronics
M45PE1616 Mbit low-voltage Page-Erasable Serial Flash memory with byte alterability and a 50 MHz SPI bus interface 1 2 3 4 5 MoreSTMicroelectronics
CAT13008Voltage Supervisor with Microwire Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
IS34C02_05112K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
CAT14004Voltage Supervisor with I2C Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl