Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT150161ZWI-GT3 Datasheet(PDF) 9 Page - Catalyst Semiconductor |
|
CAT150161ZWI-GT3 Datasheet(HTML) 9 Page - Catalyst Semiconductor |
9 / 15 page CAT15008, CAT15016 © 2007 Catalyst Semiconductor, Inc. 9 Doc. No. 1125 Rev. A Characteristics subject to change without notice SCK SI SO 00 0 0 00 10 D7 D6 D5 D4 D3 D2 D1 D0 01234 5678 21 22 23 24 25 26 27 28 29 30 31 CS OPCODE * Please check the Byte Address Table (Table 5) DATA IN HIGH IMPEDANCE BYTE ADDRESS* AN A0 Byte Write Once the WEL bit is set, the user may execute a write sequence, by sending a WRITE instruction, a 16-bit address and data as shown in Figure 6. Only 10 significant address bits are used by the CAT15008 and 11 by the CAT15016. The rest are don’t care bits, as shown in Table 5. Internal programming will start after the low to high CS ¯¯ transition. During an internal write cycle, all commands, except for RDSR (Read Status Register) will be ignored. The RDY ¯¯¯¯ bit will indicate if the internal write cycle is in progress (RDY ¯¯¯¯ high), or the the device is ready to accept commands (RDY ¯¯¯¯ low). Page Write After sending the first data byte to the CAT15008/16, the host may continue sending data, up to a total of 32 bytes, according to timing shown in Figure 7. After each data byte, the lower order address bits are automatically incremented, while the higher order address bits (page address) remain unchanged. If during this process the end of page is exceeded, then loading will “roll over” to the first byte in the page, thus possibly overwriting previoualy loaded data. Following completion of the write cycle, the CAT15008/16 is automatically returned to the write disable state. Table 5. Byte Address Device Address Significant Bits Address Don't Care Bits # Address Clock Pulse CAT15008 A9 - A0 A15 - A10 16 CAT15016 A10 - A0 A15 - A11 16 Figure 6. Byte WRITE Timing Note: Dashed Line = mode (1, 1) - - - - - - Figure 7. Page WRITE Timing Note: Dashed Line = mode (1, 1) - - - - - - SCK SI SO 00 0 0 00 10 BYTE ADDRESS* Data Byte 1 012345678 21 22 23 24-31 32-39 Data Byte 2 Data Byte 3 Data Byte N CS OPCODE 7..1 0 24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1 DATA IN HIGH IMPEDANCE AN A0 *Please check the Byte Address Table. (Table 5) |
Número de pieza similar - CAT150161ZWI-GT3 |
|
Descripción similar - CAT150161ZWI-GT3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |