Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT810LTBI-GT10 Datasheet(PDF) 11 Page - Catalyst Semiconductor

No. de pieza CAT810LTBI-GT10
Descripción Electrónicos  3-Pin Microprocessor Power Supply Supervisors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT810LTBI-GT10 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT810LTBI-GT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 9Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 10Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 11Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 12Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 13Page - Catalyst Semiconductor CAT810LTBI-GT10 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
CAT803, CAT809, CAT810

Doc No. 3004, Rev. X
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EXAMPLE Of ORDERInG InfORMATIOn (2) (3) (4)
Prefix
Device #
Suffix
809
S
TBI
G
Device Type
803: Open-Drain / Active Low Output
809: Push-Pull / Active Low Output
810: Push-Pull / Active High Output
CAT
Trip Level
L: 4.63V
M: 4.38V
J: 4.00V
T: 3.08V
S: 2.93V
R: 2.63V
Z: 2.32V
Company ID
Package Type(1)
TBI: SOT-23 Green
SDI: SC70 Green
Lead Finish
Blank: Matte-Tin
G: NiPdAu
T10
T: Tape & Reel
3: 3000/Reel
10: 10000/Reel
TOP MARkInG
notes:
() All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is Matte-Tin. Contact factory for other lead finishes.
(3) The device used in the example above is a CAT809STBI-GT0 (Push-Pull / Active Low Output, trip level of 2.85V to 3.00V NiPdAu, Tape
and Reel).
(4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
Device(1)
SOT-23
PbSn Finish(2)
SOT-23 RoHS
Matte Finish(2)
SOT-23 RoHS
niPdAu
Finish(2)(3)
SC70
PbSn Finish(2)
SC70 RoHS
Matte Finish(2)
SC70 RoHS
niPdAu
Finish(2)(3)
CAT803x
N/A
RPYM
RNYM
N/A
RP__
RN__
CAT809x
PAYM
PBYM
NRYM
PA__
PB__
NR__
CAT80x
PCYM
PDYM
NSYM
PC__
PD__
NS__
notes:
() All theshold trip level options have the same marking.
(2) The “YM” in the SOT-23 package marking indicates the Year and Month of roduction and the “_” in the SC70 package marking indicates the
assembly location.
(3) All NiPdAu devices will be marked to indicate product type and package. Threshold and full part numbers will be provided on box and reel
labels as well as all Shipping documents.


Número de pieza similar - CAT810LTBI-GT10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT810LTBI-GT3 ONSEMI-CAT810LTBI-GT3 Datasheet
583Kb / 14P
   3-Pin Microprocessor Power Supply Supervisors
Doc. No. MD-3004, Rev. AA
CAT810LTBI-GT3 ONSEMI-CAT810LTBI-GT3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810LTBI-GT3 ONSEMI-CAT810LTBI-GT3 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
More results

Descripción similar - CAT810LTBI-GT10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT853MTBI-GT3 ONSEMI-CAT853MTBI-GT3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT810STBI-T10 ONSEMI-CAT810STBI-T10 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810JTBI ONSEMI-CAT810JTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT803TTBI ONSEMI-CAT803TTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT853TTBI-T3 ONSEMI-CAT853TTBI-T3 Datasheet
117Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
May, 2012 ??Rev. 10
CAT803 ONSEMI-CAT803_14 Datasheet
106Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
August, 2014 ??Rev. 34
CAT809TTBI-T3 ONSEMI-CAT809TTBI-T3 Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT810SEUR-T ONSEMI-CAT810SEUR-T Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
CAT809LTBI ONSEMI-CAT809LTBI Datasheet
127Kb / 11P
   3-Pin Microprocessor Power Supply Supervisors
October, 2012 ??Rev. 33
logo
Catalyst Semiconductor
CAT853 CATALYST-CAT853 Datasheet
536Kb / 9P
   3-Pin Microprocessor Power Supply Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com