Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100LVEL16 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC100LVEL16
Descripción Electrónicos  3.3V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL16 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVEL16_06 Datasheet HTML 1Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 2Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 3Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 4Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 5Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 6Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 7Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 8Page - ON Semiconductor MC100LVEL16_06 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC100LVEL16
http://onsemi.com
4
Table 4. LVPECL DC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V (Note 2)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
17
23
17
23
18
24
mA
VOH
Output HIGH Voltage (Note 3)
2215
2295
2420
2275
2345
2420
2275
2345
2420
mV
VOL
Output LOW Voltage (Note 3)
1470
1605
1745
1490
1595
1680
1490
1595
1680
mV
VIH
Input HIGH Voltage (Single−Ended)
2135
2420
2135
2420
2135
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1490
1825
1490
1825
1490
1825
mV
VBB
Output Voltage Reference
1.92
2.04
1.92
2.04
1.92
2.04
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 4)
Vpp < 500 mV
Vpp y 500 mV
1.2
1.5
2.9
2.9
1.1
1.4
2.9
2.9
1.1
1.4
2.9
2.9
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−600
0.5
−600
0.5
−600
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
2. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
3. Outputs are terminated through a 50 W resistor to VCC − 2 V.
4. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.
Table 5. LVNECL DC CHARACTERISTICS VCC = 0.0 V; VEE = −3.3 V (Note 5)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
17
23
17
23
18
24
mA
VOH
Output HIGH Voltage (Note 6)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 6)
−1830
−1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
VIH
Input HIGH Voltage (Single−Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1810
−1475
−1810
−1475
−1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 7)
Vpp < 500 mV
Vpp y 500 mV
−2.1
−1.8
−0.4
−0.4
−2.2
−1.9
−0.4
−0.4
−2.2
−1.9
−0.4
−0.4
V
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
D
D
0.5
−600
0.5
−600
0.5
−600
mA
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and output parameters vary 1:1 with VCC. VEE can vary ±0.3 V.
6. Outputs are terminated through a 50 W resistor to VCC − 2 V.
7. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal.
Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.


Número de pieza similar - MC100LVEL16_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEL16D ONSEMI-MC100LVEL16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL16DG ONSEMI-MC100LVEL16DG Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL16DR2G ONSEMI-MC100LVEL16DR2G Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL16DTG ONSEMI-MC100LVEL16DTG Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL16DTR2G ONSEMI-MC100LVEL16DTR2G Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
More results

Descripción similar - MC100LVEL16_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
100LVEL16 FAIRCHILD-100LVEL16 Datasheet
141Kb / 6P
   3.3V ECL Differential Receiver
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16_15 Datasheet
101Kb / 9P
   3.3V ECL Differential Receiver
July, 2015 ??Rev. 7
MC100LVEL17 ONSEMI-MC100LVEL17_06 Datasheet
122Kb / 6P
   3.3V ECL Quad Differential Receiver
November, 2006 ??Rev. 7
MC10LVEP16 ONSEMI-MC10LVEP16_06 Datasheet
167Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
December, 2006 ??Rev. 10
MC10LVEP16 ONSEMI-MC10LVEP16 Datasheet
137Kb / 10P
   2.5V / 3.3V ECL Differential Receiver/Driver
February, 2005 ??Rev. 6
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
logo
Freescale Semiconductor...
MC100ES6017 FREESCALE-MC100ES6017 Datasheet
214Kb / 6P
   3.3V ECL/PECL Quad Differential Receiver
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10EP16UMG MICREL-SY10EP16UMG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY100EP16U MICREL-SY100EP16U Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com