Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C0A1JETE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

No. de pieza CAT24C0A1JETE13
Descripción Electrónicos  1K-Bit Serial EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C0A1JETE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24C0A1JETE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C0A1JETE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C0A1JETE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C0A1JETE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C0A1JETE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C0A1JETE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C0A1JETE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C0A1JETE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Discontinued
Part
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
CAT24C01B
1K-Bit Serial EEPROM
Doc. No. 1081, Rev. E
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
NC
No Connect
SDA
Serial Data/Address
SCL
Serial Clock
VCC
+1.8V to +6.0V Power Supply
VSS
Ground
TEST
Test Input (GND, VCC or
Floating)
DIP Package (P, L, GL)
SOIC Package (J, W, GW)
FEATURES
I 2-Wire Serial Interface
I 1.8 to 6.0Volt Operation
I Low Power CMOS Technology
I 4-Byte Page Write Buffer
I Self-Timed Write Cycle with Auto-Clear
I 1,000,000 Program/Erase Cycles
I 100 Year Data Retention
I 8-pin DIP, 8-pin SOIC, 8 pin TSSOP or 8-pin MSOP
I Commercial, Industrial and Automotive
Temperature Ranges
I "Green" Package Options Available
DESCRIPTION
The CAT24C01B is a 1K-bit Serial CMOS EEPROM
internally organized as 128 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces de-
vice power requirements. The CAT24C01B features a
4-byte page write buffer. The device operates via a 2-
wire serial interface and is available in 8-pin DIP, 8-pin
SOIC, 8-pin TSSOP or 8-pin MSOP.
TSSOP Package (U, Y, GY)
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SCL
SDA
NC
NC
NC
VSS
1
2
3
4
8
7
6
5
VCC
TEST
SCL
SDA
VCC
SCL
SDA
1
2
3
4
8
7
6
5
VSS
NC
NC
NC
TEST
VCC
SCL
SDA
1
2
3
4
8
7
6
5
VSS
NC
NC
NC
TEST
MSOP Package (R, Z, GZ)
8
7
6
5
VCC
TEST
SCL
SDA
NC
NC
NC
VSS
1
2
3
4
EEPROM


Número de pieza similar - CAT24C0A1JETE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00JETE13 CATALYST-CAT24C00JETE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00JITE13 CATALYST-CAT24C00JITE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00LETE13 CATALYST-CAT24C00LETE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00LITE13 CATALYST-CAT24C00LITE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
More results

Descripción similar - CAT24C0A1JETE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C01B CATALYST-CAT24C01B Datasheet
40Kb / 7P
   1K-Bit Serial EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
93C06 MICROCHIP-93C06 Datasheet
432Kb / 8P
   256 Bit/1K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com