Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT25C08 Datasheet(PDF) 13 Page - Catalyst Semiconductor

No. de Pieza. CAT25C08
Descripción  8K/16K SPI Serial CMOS EEPROM
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

CAT25C08 Datasheet(HTML) 13 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
CAT25C08/16
Doc. No. 1016, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8-LEAD TSSOP (Y)
8
5
1
4
E
E1
E/2
PIN #1 IDENT.
D
b
L
θ1
e
A
A1
A2
SEE DETAIL A
SEE DETAIL A
SEATING PLANE
c
GAGE PLANE
0.25
SYMBOL
A
A1
A2
b
c
D
E
E1
e
L
θ1
MIN
0.05
0.80
0.09
2.90
6.30
6.4
4.30
0.00
8.00
NOM
0.90
0.30
0.19
3.00
4.40
0.60
0.75
0.50
MAX
1.20
0.15
1.05
0.20
3.10
6.50
4.50
0.65 BSC
Notes:
1.
All dimensions are in millimeters.
2.
Complies with JEDEC Standard MO-153


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CAT15008Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT250201K/2K/4K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT25C01_051K/2K/4K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT250808-Kb and 16-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT25C03_051K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT15002Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT2532032-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24WC128_05128K-Bit I2C Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24WC129_04128K-Bit I2C Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
25AA320A32K SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology