Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

CAT25C08 Datasheet(PDF) 14 Page - Catalyst Semiconductor

No. de Pieza. CAT25C08
Descripción  8K/16K SPI Serial CMOS EEPROM
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo 

CAT25C08 Datasheet(HTML) 14 Page - Catalyst Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
CAT25C08/16
Doc. No. 1016, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
8-Lead PDIP
PACKAGE MARKING
8-Lead SOIC
CSI = Catalyst Semiconductor, Inc.
25C16L = Device Code
25C08L
25C16L
I = Temperature Range
F = Lead Finish
4 = NiPdAu
3 = Matte-Tin
YY = Production Year
WW = Production Week
A = Product Revision
VV = Voltage Range
1.8V - 5.5V = 18
2.5V - 5.5V = Blank
FYYWWA
25C16LI
VV
CSI = Catalyst Semiconductor, Inc.
25C16V = Device Code
25C08V
25C16V
I = Temperature Range
F = Lead Finish
4 = NiPdAu
3 = Matte-Tin
YY = Production Year
WW = Production Week
A = Product Revision
VV = Voltage Range
1.8V - 5.5V = 18
2.5V - 5.5V = Blank
FYYWWA
25C16VI
VV
8-Lead TSSOP
YMBF
25Y16
Y = Production Year
M = Production Month
A = Die Revision
25Y16 = Device Code
25Y08
25Y16
I = Industrial Temperature Range
F = Voltage Range + Lead Finish
Matte-Tin
1.8V - 5.5V = S
2.5V - 5.5V = T
NiPdAu
1.8V - 5.5V = A
2.5V - 5.5V = G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CAT15008Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT250201K/2K/4K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT25C01_051K/2K/4K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT250808-Kb and 16-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT25C03_051K/2K/4K/8K/16K SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT15002Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT2532032-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24WC128_05128K-Bit I2C Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
CAT24WC129_04128K-Bit I2C Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
25AA320A32K SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn