Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT523LI-TE10 Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT523LI-TE10
Descripción Electrónicos  Configured Digitally Programmable Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT523LI-TE10 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT523LI-TE10 Datasheet HTML 3Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 4Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 5Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 6Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 7Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 8Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 9Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 10Page - Catalyst Semiconductor CAT523LI-TE10 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CAT523
8
Doc. No. 2005, Rev. E
APPLICATION CIRCUITS (Cont.)
Coarse-Fine Offset Control by Averaging DPP Outputs
for Single Power Supply Systems
Coarse-Fine Offset Control by Averaging DPP Outputs
for Dual Power Supply Systems
+
FINE ADJUST
DPP
COARSE ADJUST
DPP
GND
VREFL
VRE H
F
VDD
RC
127RC
+V
+5V
+VREF
-V
-VREF
Ro
R = ———————————
C
1
µA
OFFSET
VOFFSET
REF
(+V
) - (V
)
R = ———————————
o
1
µA
OFFSET
REF
(-V
) + (V
)
+
+
Digitally Trimmed Voltage Reference
Digitally Controlled Voltage Reference
CAT523
LT 1029
I > 2 mA
V+
GND
VDD
V
= 5.000V
REF
VREFH
VREFL
CONTROL
& DATA
CAT523
GND
VDD
VREFH
VREFL
CONTROL
& DATA
+
15K
10
µF
5.1V
10K
4.02 K
1.00K
10
µF
35V
LM 324
1N5231B
MPT3055EL
28 - 32V
OUTPUT
0 - 25V
@ 1A
+
FINE ADJUST
DPP
COARSE ADJUST
DPP
GND
VREFL
VREFH
VDD
RC
127RC
+V
+5V
VREF
R = —————
C
256 1
µA
VREF
*
Fine adjust gives
± 1 LSB change in V
when V
= ———
OFFSET
VREF
2
OFFSET
V OFFSET


Número de pieza similar - CAT523LI-TE10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT523LI-T2 ONSEMI-CAT523LI-T2 Datasheet
201Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2005 Rev. I
More results

Descripción similar - CAT523LI-TE10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT525 CATALYST-CAT525_04 Datasheet
99Kb / 12P
   Configured Digitally Programmable Potentiometer
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com