Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MMSZ4678ET1_0508 Datasheet(PDF) 2 Page - ON Semiconductor

No. de Pieza. MMSZ4678ET1_0508
Descripción  Zener Voltage Regulators 500 mW SOD−123 Surface Mount
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

MMSZ4678ET1_0508 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMSZ4678ET1 Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless
otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device*
Device
Marking
Zener Voltage (Note 1)
Leakage Current
VZ (V)
@ IZT
IR @ VR
Min
Nom
Max
mA
mA
V
MMSZ4684ET1
CG3
3.13
3.3
3.47
50
7.5
1.5
MMSZ4688ET1, G
CG7
4.47
4.7
4.94
50
10
3
MMSZ4689ET1, G
CG8
4.85
5.1
5.36
50
10
3
MMSZ4690ET1
CG9
5.32
5.6
5.88
50
10
4
MMSZ4691ET1
CH1
5.89
6.2
6.51
50
10
5
MMSZ4692ET1
CH2
6.46
6.8
7.14
50
10
5.1
MMSZ4693ET1
CH3
7.13
7.5
7.88
50
10
5.7
MMSZ4697ET1
CH7
9.50
10
10.50
50
1
7.6
MMSZ4699ET1
CH9
11.40
12
12.60
50
0.05
9.1
MMSZ4701ET1, G
CJ2
13.3
14
14.7
50
0.05
10.6
MMSZ4702ET1, G
CJ3
14.25
15
15.75
50
0.05
11.4
MMSZ4703ET1
CJ4
15.20
16
16.80
50
0.05
12.1
MMSZ4705ET1
CJ6
17.10
18
18.90
50
0.05
13.6
MMSZ4709ET1
CK1
22.80
24
25.20
50
0.01
18.2
MMSZ4711ET1
CK3
25.65
27
28.35
50
0.01
20.4
MMSZ4717ET1
CK9
40.85
43
45.15
50
0.01
32.6
1. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TL = 30°C ±1°C.
*The “G’’ suffix indicates Pb−Free package available.


Html Pages

1  2  3  4  5 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn