Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25C128VA-GT2 Datasheet(PDF) 10 Page - Catalyst Semiconductor

No. de pieza CAT25C128VA-GT2
Descripción Electrónicos  128K/256K-Bit SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C128VA-GT2 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25C128VA-GT2 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C128VA-GT2 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT25C128/256
10
Document No. 1018, Rev. I
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) — ———
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
Figure 10.
WP
WP
WP
WP
WP Timing
tCSH
SCK
WP
tWPS
tWPH
Note: Dashed Line= mode (1, 1) — ———
DESIGN CONSIDERATIONS
If an invalid op code is received, no data will be shifted
into the CAT25C128/256, and the serial output pin (SO)
will remain in a high impedence state until the falling
edge of
CS is detected again.
When powering down, the supply should be taken down
to 0V, so that the CAT25C128/256 will be reset when
power is ramped back up. If this is not possible, then,
following a brown-out episode, the CAT25C128/256
can be reset by refreshing the contents of the Status
Register (See Application Note AN10).
The CAT25C128/256 powers up in a write disable state
and in a low power standby mode. A WREN instruction
must be issued to perform any writes to the device after
power up. Also,on power up
CS should be brought low
to enter a ready state and receive an instruction. After
a successful byte/page write or status register write the
CAT25C128/256 goes into a write disable mode.
CS
must be set high after the proper number of clock cycles
to start an internal write cycle. Access to the array during
an internal write cycle is ignored and program-ming
is continued. On power up, SO is in a high impedance.


Número de pieza similar - CAT25C128VA-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C128K-1.8TE13 CATALYST-CAT25C128K-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C128K-TE13 CATALYST-CAT25C128K-TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C128KA-1.8TE13 CATALYST-CAT25C128KA-1.8TE13 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
More results

Descripción similar - CAT25C128VA-GT2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
   128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Integrated Silicon Solu...
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
   128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524AD0XD1 SAMSUNG-S524AD0XD1 Datasheet
123Kb / 16P
   128K/256K-bit Serial EEPROM for Low Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com