Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC12080DG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC12080DG
Descripción Electrónicos  1.1 GHz Prescaler
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC12080DG Datasheet(HTML) 2 Page - ON Semiconductor

  MC12080DG Datasheet HTML 1Page - ON Semiconductor MC12080DG Datasheet HTML 2Page - ON Semiconductor MC12080DG Datasheet HTML 3Page - ON Semiconductor MC12080DG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC12080
http://onsemi.com
2
Table 3. ELECTRICAL CHARACTERISTICS (VCC = 4.5 to 5.5 V; TA = −40 to 85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Toggle Frequency (Sine Wave)
ft
0.1
1.4
1.1
GHz
Supply Current Output (Pin 2)
ICC
3.7
5.0
mA
Input Voltage Sensitivity
100 to 250 MHz
250 to 1100 MHz
Vin
400
100
1000
1000
mVpp
Divide Ratio Control Input High (SW1, SW2, SW3)
VIH
VCC − 0.5 V
VCC
VCC + 0.5 V
V
Divide Ratio Control Input Low (SW1, SW2, SW3)
VIL
Open
Open
Open
Output Voltage Swing (Note 1)
RL = 820 W, IO = 4.0 mA for ÷10
RL = 1.6 kW, IO = 2.1 mA for ÷20
RL = 3.3 kW, IO = 1.1 mA for ÷40
RL = 6.2 kW, IO = 0.57 mA for ÷80
Vout
0.8
1.2
Vpp
1. Assumes 8.0 pF load and 1.1 GHz input frequency (typical), IO at VCC = 5.0 V and TA = 25°C.
Sine Wave Generator
50
W
C1
C2
C3
VCC = 4.5 to 5.5 V
CL
RL
VCC
In
In
Gnd
Out
External Components
C1 = C2 = 1000 pF
C3 = 0.1
mF
CL = 8.0 pF (Including Scope and Jig Capacitance)
RL = 820 W for ÷10 at 1.1 GHz
SW2
SW1
DQ
CQ
DQ
CQ
DQ
C
Q
In
In
D
C
Q
Q
D
C
Q
Q
Out
Figure 1. Logic Diagram
1
0
SW1
DQ
CQ
DQ
CQ
SW3
SW2
SW3
Figure 2. AC Test Circuit


Número de pieza similar - MC12080DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC12080DG ONSEMI-MC12080DG Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
More results

Descripción similar - MC12080DG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
Siemens Semiconductor G...
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
   Prescaler Circuit 1.1 GHz
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
MC12026A ONSEMI-MC12026A Datasheet
50Kb / 8P
   1.1 GHz Dual Modulus Prescaler
November, 2001 ??Rev. 7
MC12026A ONSEMI-MC12026A_16 Datasheet
141Kb / 6P
   1.1GHz Dual Modulus Prescaler
August, 2016 ??Rev. 9
logo
TEMIC Semiconductors
U816BS-SP TEMIC-U816BS-SP Datasheet
69Kb / 5P
   1.1-GHz Prescaler for TV Tuners
logo
ON Semiconductor
MC12080 ONSEMI-MC12080 Datasheet
42Kb / 4P
   1.1 GHz Prescaler High Frequency Input Signal
February, 2002 ??Rev. 5
logo
LANSDALE Semiconductor ...
ML12038 LANSDALE-ML12038 Datasheet
616Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
ML12038 LANSDALE-ML12038_08 Datasheet
464Kb / 5P
   1.1 GHz Low Power Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com