Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CAT24WC32GWTE13D Datasheet(PDF) 11 Page - Catalyst Semiconductor |
|
CAT24WC32GWTE13D Datasheet(HTML) 11 Page - Catalyst Semiconductor |
11 / 12 page CAT24WC32/64 11 Doc. No. 1039, Rev. G © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice ORDERING INFORMATION Notes: (1) The device used in the above example is a CAT24WC32JI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operating Voltage, Tape & Reel) (2) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWB). For additional information, please contact your Catalyst sales office. Package Prefix Device # Suffix 24WC32 J I TE13 Product Number 24WC32: 32K 24WC64: 64K Tape & Reel Operating Voltage Blank = 2.5 to 5.5V 1.8 = 1.8 to 5.5V -1.8 CAT Temperature Range Blank = Commercial (0˚C to +70˚C) I = Industrial (-40˚C to +85˚C) A = Automotive (-40˚ to +105˚C) Optional Company ID E = Extended (-40˚C to +125˚C) P: PDIP J: SOIC, JEDEC K: SOIC, EIAJ L: PDIP (Lead-free, Halogen-free) W: SOIC, JEDEC (Lead-free, Halogen-free) X: SOIC, EIAJ (Lead-free, Halogen-free) GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating) GW: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating) GX: SOIC, EIAJ (Lead-free, Halogen-free, NiPdAu lead plating) Rev D(2) Die Revision 24WC32: B, D 24WC64: B, D |
Número de pieza similar - CAT24WC32GWTE13D |
|
Descripción similar - CAT24WC32GWTE13D |