Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC14094BD Datasheet(PDF) 2 Page - ON Semiconductor |
|
MC14094BD Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 10 page MC14094B http://onsemi.com 2 13 14 15 16 9 10 11 12 5 4 3 2 1 8 7 6 Q7 Q6 Q5 OUTPUT ENABLE VDD QS Q′S Q8 Q1 CLOCK DATA STROBE VSS Q4 Q3 Q2 PIN ASSIGNMENT TRUTH TABLE Clock Output Enable Strobe Data Parallel Outputs Serial Outputs Q1 QN QS* Q ′S 0 X X Z Z Q7 No Chg. 0 X X Z Z No Chg. Q7 1 0 X No Chg. No Chg. Q7 No Chg. 1 1 0 0 QN−1 Q7 No Chg. 1 1 1 1 QN−1 Q7 No Chg. 1 1 1 No Chg. No Chg. No Chg. Q7 Z = High Impedance X = Don’t Care * At the positive clock edge, information in the 7th shift register stage is transferred to Q8 and QS. ORDERING INFORMATION Device Package Shipping† MC14094BCP PDIP−16 500 Units / Rail MC14094BCPG PDIP−16 (Pb−Free) 500 Units / Rail MC14094BD SOIC−16 48 Units / Rail MC14094BDG SOIC−16 (Pb−Free) 48 Units / Rail MC14094BDR2 SOIC−16 2500 Units / Tape & Reel MC14094BDR2G SOIC−16 (Pb−Free) 2500 Units / Tape & Reel MC14094BDTR2 TSSOP−16* 2500 Units / Tape & Reel MC14094BF SOEIAJ−16 50 Units / Rail MC14094BFG SOEIAJ−16 (Pb−Free) 50 Units / Rail MC14094BFEL SOEIAJ−16 2000 Units / Tape & Reel MC14094BFELG SOEIAJ−16 (Pb−Free) 2000 Units / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb−Free. |
Número de pieza similar - MC14094BD |
|
Descripción similar - MC14094BD |