Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC14541BDG Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC14541BDG
Descripción Electrónicos  Programmable Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14541BDG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14541BDG Datasheet HTML 1Page - ON Semiconductor MC14541BDG Datasheet HTML 2Page - ON Semiconductor MC14541BDG Datasheet HTML 3Page - ON Semiconductor MC14541BDG Datasheet HTML 4Page - ON Semiconductor MC14541BDG Datasheet HTML 5Page - ON Semiconductor MC14541BDG Datasheet HTML 6Page - ON Semiconductor MC14541BDG Datasheet HTML 7Page - ON Semiconductor MC14541BDG Datasheet HTML 8Page - ON Semiconductor MC14541BDG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MC14541B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Min
Typ
(Note 6)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay, Clock to Q (28 Output)
tPLH, tPHL = (1.7 ns/pF) CL + 3415 ns
tPLH, tPHL = (0.66 ns/pF) CL + 1217 ns
tPLH, tPHL = (0.5 ns/pF) CL + 875 ns
tPLH
tPHL
5.0
10
15
3.5
1.25
0.9
10.5
3.8
2.9
ms
Propagation Delay, Clock to Q (216 Output)
tPHL, tPLH = (1.7 ns/pF) CL + 5915 ns
tPHL, tPLH = (0.66 ns/pF) CL + 3467 ns
tPHL, tPLH = (0.5 ns/pF) CL + 2475 ns
tPHL
tPLH
5.0
10
15
6.0
3.5
2.5
18
10
7.5
ms
Clock Pulse Width
tWH(cl)
5.0
10
15
900
300
225
300
100
85
ns
Clock Pulse Frequency (50% Duty Cycle)
fcl
5.0
10
15
1.5
4.0
6.0
0.75
2.0
3.0
MHz
MR Pulse Width
tWH(R)
5.0
10
15
900
300
225
300
100
85
ns
Master Reset Removal Time
trem
5.0
10
15
420
200
200
210
100
100
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit
and Waveform
Figure 2. Switching Time Test Circuit
and Waveforms
PULSE
GENERATOR
VDD
CL
Q
RS
AR
Q/Q SELECT
MODE
A
B
MR
VSS
20 ns
20 ns
90% 50%
10%
50%
DUTY CYCLE
(Rtc AND Ctc OUTPUTS ARE LEFT OPEN)
PULSE
GENERATOR
VDD
RS
AR
Q/Q SELECT
MODE
A
B
MR
VSS
CL
Q
20 ns
90% 50%
20 ns
10%
RS
Q
tPLH
50%
90%
50%
10%
50%
tTLH
tTHL
tPHL


Número de pieza similar - MC14541BDG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14541BDG ONSEMI-MC14541BDG Datasheet
142Kb / 9P
   Programmable Timer
July, 2014 ??Rev. 14
More results

Descripción similar - MC14541BDG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com