Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LA4227 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza LA4227
Descripción Electrónicos  Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4227 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA4227 Datasheet HTML 1Page - Sanyo Semicon Device LA4227 Datasheet HTML 2Page - Sanyo Semicon Device LA4227 Datasheet HTML 3Page - Sanyo Semicon Device LA4227 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA4227
No.A5718-2/4
Electrical Characteristics at Ta
= 25°C, VCC = 9V, RL = 4Ω, f = 1kHz, Rg = 600Ω, RNF = 43Ω
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
Rg = 0
10
20
40
mA
Voltage gain
VG
VO = 0dBm
43.0
45.0
47.0
dB
Voltage gain difference
∆VG
2.0
dB
Total harmonic distortion
THD
PO = 0.25W (VO = 1V)
0.2
1.0
%
PO1
THD = 10%
2.0
2.5
W
PO2
RL = 3Ω, THD = 10%
3.0
W
Output power
PO3
Bridge, RL = 8Ω, THD = 10%
(4.7)
W
VNO1
Rg = 0, DIN AUDIO
0.3
1.0
mV
Output noise voltage
VNO2
Rg = 10k
Ω, DIN AUDIO
0.4
2.0
mV
Channel separation
Chsep
VO = 0dBm, Rg = 10kΩ
45
55
dB
Ripple rejection
SVRR
Vr= 150mV, Rg = 0, fr = 100Hz, DIN AUDIO
40
52
dB
Standby current
Ist
10
µA
Input resistance
Ri
21
30
k
Package Dimensions
unit : mm
3022B
SANYO : DIP12F(300mil)
1
6
12
7
19.0
(0.61) 2.54
5.12
1.3
3.6
0.5
3.81
1.25


Número de pieza similar - LA4227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
   3.5W AF POWER AMP
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
More results

Descripción similar - LA4227

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4600 SANYO-LA4600 Datasheet
66Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LA4525 SANYO-LA4525_08 Datasheet
490Kb / 8P
   For Radio Cassette Recorders Dual AF Power Amplifier
LA4525 SANYO-LA4525 Datasheet
203Kb / 8P
   Dual AF Power Amplifier for Radio Cassette Recorders
LA4597 SANYO-LA4597 Datasheet
100Kb / 4P
   2-Channel Power Amp for Radio-Cassette Recorders
LA4145 SANYO-LA4145 Datasheet
120Kb / 5P
   0.6 to 0.9 W AF Power Amplifier for Radio Cassette Recorders
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Rohm
BA3420AL ROHM-BA3420AL Datasheet
193Kb / 8P
   Dual recording / playback preamplifier for radio cassette recorders
logo
Toshiba Semiconductor
TA8220HQ TOSHIBA-TA8220HQ_06 Datasheet
1Mb / 15P
   30W BTL 횞 2ch Audio Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com