Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33033 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza MC33033
Descripción Electrónicos  Brushless DC Motor Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33033 Datasheet(HTML) 5 Page - ON Semiconductor

  MC33033_07 Datasheet HTML 1Page - ON Semiconductor MC33033_07 Datasheet HTML 2Page - ON Semiconductor MC33033_07 Datasheet HTML 3Page - ON Semiconductor MC33033_07 Datasheet HTML 4Page - ON Semiconductor MC33033_07 Datasheet HTML 5Page - ON Semiconductor MC33033_07 Datasheet HTML 6Page - ON Semiconductor MC33033_07 Datasheet HTML 7Page - ON Semiconductor MC33033_07 Datasheet HTML 8Page - ON Semiconductor MC33033_07 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MC33033, NCV33033
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (continued) (VCC = 20 V, RT = 4.7 k, CT = 10 nF, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OSCILLATOR SECTION
Oscillator Frequency
fOSC
22
25
28
kHz
Frequency Change with Voltage (VCC = 10 V to 30 V)
ΔfOSC/ΔV
0.01
5.0
%
Sawtooth Peak Voltage
VOSC(P)
4.1
4.5
V
Sawtooth Valley Voltage
VOSC(V)
1.2
1.5
V
LOGIC INPUTS
Input Threshold Voltage (Pins 3, 4, 5, 6, 18, 19)
High State
Low State
VIH
VIL
3.0
2.2
1.7
0.8
V
Sensor Inputs (Pins 4, 5, 6)
High State Input Current (VIH = 5.0 V)
Low State Input Current (VIL = 0 V)
IIH
IIL
−150
−600
−70
−337
−20
−150
μA
Forward/Reverse, 60
°/120° Select and Output Enable
(Pins 3, 18, 19)
High State Input Current (VIH = 5.0 V)
Low State Input Current (VIL = 0 V)
IIH
IIL
−75
−300
−36
−175
−10
−75
μA
CURRENT−LIMIT COMPARATOR
Threshold Voltage
Vth
85
101
115
mV
Input Common Mode Voltage Range
VICR
3.0
V
Input Bias Current
IIB
−0.9
−5.0
μA
OUTPUTS AND POWER SECTIONS
Top Drive Output Sink Saturation (ISink = 25 mA)
VCE(sat)
0.5
1.5
V
Top Drive Output Off−State Leakage (VCE = 30 V)
IDRV(leak)
0.06
100
μA
Top Drive Output Switching Time (CL = 47 pF, RL = 1.0 k)
Rise Time
Fall Time
tr
tf
107
26
300
300
ns
Bottom Drive Output Voltage
High State (VCC = 30 V, Isource = 50 mA)
Low State (VCC = 30 V, Isink = 50 mA)
VOH
VOL
(VCC − 2.0)
(VCC − 1.1)
1.5
2.0
V
Bottom Drive Output Switching Time (CL = 1000 pF)
Rise Time
Fall Time
tr
tf
38
30
200
200
ns
Under Voltage Lockout
Drive Output Enabled (VCC Increasing)
Hysteresis
Vth(on)
VH
8.2
0.1
8.9
0.2
10
0.3
V
Power Supply Current
ICC
15
22
mA


Número de pieza similar - MC33033_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33033DW ONSEMI-MC33033DW Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
MC33033P ONSEMI-MC33033P Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
More results

Descripción similar - MC33033_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com