Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MC33033P Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC33033P Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 27 page MC33033, NCV33033 http://onsemi.com 3 MAXIMUM RATINGS Rating Symbol Value Unit Power Supply Voltage VCC 30 V Digital Inputs (Pins 3, 4, 5, 6, 18, 19) − Vref V Oscillator Input Current (Source or Sink) IOSC 30 mA Error Amp Input Voltage Range (Pins 9, 10, Note 1) VIR −0.3 to Vref V Error Amp Output Current (Source or Sink, Note 2) IOut 10 mA Current Sense Input Voltage Range VSense −0.3 to 5.0 V Top Drive Voltage (Pins 1, 2, 20) VCE(top) 40 V Top Drive Sink Current (Pins 1, 2, 20) ISink(top) 50 mA Bottom Drive Output Current (Source or Sink, Pins 15,16, 17) IDRV 100 mA Electrostatic Discharge Sensitivity (ESD) Human Body Model (HBM) Class 2, JESD22 A114−C Machine Model (MM) Class A, JESD22 A115−A Charged Device Model (CDM), JESD22 C101−C − − − 2000 200 2000 V V V Power Dissipation and Thermal Characteristics P Suffix, Dual−In−Line, Case 738 Maximum Power Dissipation @ TA = 85°C Thermal Resistance, Junction−to−Air DW Suffix, Surface Mount, Case 751D Maximum Power Dissipation @ TA = 85°C Thermal Resistance, Junction−to−Air PD RθJA PD RθJA 867 75 619 105 mW °C/W mW °C/W Operating Junction Temperature TJ 150 °C Operating Ambient Temperature Range (Note 3) MC33033 NCV33033 TA −40 to + 85 −40 to +125 °C Storage Temperature Range Tstg −65 to +150 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The input common mode voltage or input signal voltage should not be allowed to go negative by more than 0.3 V. 2. The compliance voltage must not exceed the range of − 0.3 to Vref. 3. NCV33033: Tlow = −40°C, Thigh = 125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control. |
Número de pieza similar - MC33033P |
|
Descripción similar - MC33033P |