Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33078P Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza MC33078P
Descripción Electrónicos  Low Noise Dual/Quad Operational Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33078P Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC33078P Datasheet HTML 2Page - ON Semiconductor MC33078P Datasheet HTML 3Page - ON Semiconductor MC33078P Datasheet HTML 4Page - ON Semiconductor MC33078P Datasheet HTML 5Page - ON Semiconductor MC33078P Datasheet HTML 6Page - ON Semiconductor MC33078P Datasheet HTML 7Page - ON Semiconductor MC33078P Datasheet HTML 8Page - ON Semiconductor MC33078P Datasheet HTML 9Page - ON Semiconductor MC33078P Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC33078, MC33079
http://onsemi.com
6
RL = 2.0 kW
f
≤ 10 Hz
DVO = 2/3 (VCC −VEE)
TA = 25°C
RL = 10 kW
CL = 0 pF
f = 100 kHz
TA = 25°C
Figure 12. Power Supply Rejection
versus Frequency
Figure 13. Gain Bandwidth Product
versus Supply Voltage
Figure 14. Gain Bandwidth Product
versus Temperature
Figure 15. Maximum Output Voltage
versus Supply Voltage
Figure 16. Output Voltage versus Frequency
Figure 17. Open Loop Voltage Gain
versus Supply Voltage
f, FREQUENCY (Hz)
100
1.0 k
10 k
100 k
1.0 M
10 M
+PSR
−PSR
VCC = +15 V
VEE = −15 V
TA = 25°C
VCC |VEE| , SUPPLY VOLTAGE (V)
0
101520
TA, AMBIENT TEMPERATURE (°C)
−55
−25
0
50
75
100
25
125
VCC = +15 V
VEE = −15 V
f = 100 kHz
RL = 10 kW
CL = 0 pF
VCC |VEE| , SUPPLY VOLTAGE (V)
010
15
20
VO
VO +
TA = 25°C
RL = 10 kW
RL = 10 kW
RL = 2.0 kW
RL = 2.0 kW
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
1.0 M
10 M
VCC = +15 V
VCC = −15 V
RL = 2.0 kW
AV = +1.0
THD
≤ 1.0%
TA = 25°C
VCC |VEE| , SUPPLY VOLTAGE (V)
010
15
20
140
120
100
80
60
40
20
0
30
20
10
0
20
15
10
5.0
0
20
15
10
5.0
0
−5.0
−10
−15
−20
35
30
25
20
15
10
5.0
0
110
100
90
80
+PSR = 20Log
DVO/ADM
DVCC
ADM
+
DVO
VEE
−PSR = 20Log
DVO/ADM
DVCC
DVCC
5.0
5.0
5.0


Número de pieza similar - MC33078P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33078P ONSEMI-MC33078P Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
logo
Texas Instruments
MC33078P TI-MC33078P Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078P TI-MC33078P Datasheet
700Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078P TI-MC33078P Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33078P ONSEMI-MC33078P Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
More results

Descripción similar - MC33078P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 12P
   DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Rev 0
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com