Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC33375 Datasheet(PDF) 5 Page - ON Semiconductor

No. de Pieza. MC33375
Descripción  300 mA, Low Dropout Voltage Regulator with On/Off Control
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

MC33375 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC33375 Series
http://onsemi.com
5
0
3.5
0
300
INPUT VOLTAGE (V)
CL = 1.0 mF
Vout = 3.3 V
TA = 25° C
Vin = 4.3 V
Figure 2. Line Transient Response
Figure 3. Line Transient Response
Figure 4. Load Transient Response
Figure 5. Load Transient Response
Figure 6. Output Voltage versus Input Voltage
50
100
150
200
250
400
100
−100
−200
−500
−600
−700
−0.8
−0.6
−0.4
−0.2
−1.0
0.4
0
0.2
Vout
CHANGE
LOAD
CURRENT
−750
CL = 33.0 mF
Vout = 3.3 V
TA = 25° C
Vin = 4.3 V
0
250
300
−0.11
−0.16
−0.01
0.14
Vout
CHANGE
LOAD CURRENT
200
−0.06
0.04
0.09
3.0
2.5
2.0
1.5
1.0
0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5 5.0
IL = 1 mA
IL = 250 mA
50
100
150
1
300
IO, OUTPUT CURRENT (mA)
10
100
1000
250
200
150
100
50
0
0
TIME (
mS)
20
40
60
80
100
120
140
160
180 200
7
6
5
4
3
2
1
0
−100
−50
0
50
100
150
200
Vin
Vout
Figure 7. Dropout Voltage versus Output Current
0
TIME (
mS)
50
100
150
200
7
6
5
4
3
2
1
0
−20
−10
0
20
40
50
70
10
30
60
TA = 25° C
CL = 33 mF
IL = 10 mA
Vout = 3.3 V
Vin
Vout
−400
−300
0
200
300
350
0.6
0.8
1.0
−650
−550
−450
−350
−250
−150
−50
50
150
250
350
TIME (
mS)
TIME (
mS)
TA = 25° C
CL = 0.47 mF
IL = 10 mA
Vout = 3.3 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn