Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MC33375 Datasheet(PDF) 3 Page - ON Semiconductor

No. de Pieza. MC33375
Descripción  300 mA, Low Dropout Voltage Regulator with On/Off Control
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

MC33375 Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC33375 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (CL = 1.0 mF, TA = 25°C, for min/max values TJ = −40°C to +125°C, Note 1)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
IO = 0 mA to 250 mA
1.8 V Suffix
TA = 25°C, Vin = [VO + 1] V
2.5 V Suffix
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
1.8 V Suffix
Vin = [VO + 1] V, 0 < IO < 100 mA
2.5 V Suffix
2% Tolerance from TJ = −40 to +125°C
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
VO
1.782
2.475
2.970
3.267
4.950
1.764
2.450
2.940
3.234
4.900
1.80
2.50
3.00
3.30
5.00
1.818
2.525
3.030
3.333
5.05
1.836
2.550
3.060
3.366
5.100
Vdc
Line Regulation
Vin = [VO + 1] V to 12 V, IO = 250 mA,
All Suffixes TA = 25°C
Regline
2.0
10
mV
Load Regulation
Vin = [VO + 1] V, IO = 0 mA to 250 mA,
All Suffixes TA = 25°C
Regload
5.0
25
mV
Dropout Voltage
IO = 10 mA
TJ = −40°C to +125°C
IO = 100 mA
IO = 250 mA
IO = 300 mA
Vin − VO
25
115
220
260
100
200
400
500
mV
Ripple Rejection (120 Hz)
Vin(peak−peak) = [VO + 1.5] V to [VO + 5.5] V
65
75
dB
Output Noise Voltage
CL = 1.0 mFIO = 50 mA (10 Hz to 100 kHz)
CL = 200 mF
Vn
160
46
mVrms
CURRENT PARAMETERS
Quiescent Current ON Mode
Vin = [VO + 1] V, IO = 0 mA
IQOn
125
200
mA
Quiescent Current OFF Mode
IQOff
0.3
4.0
mA
Quiescent Current ON Mode SAT
Vin = [VO − 0.5] V, IO = 0 mA (Note 2)
1.8 V Suffix
2.5 V Suffix
3.0 V Suffix
3.3 V Suffix
5.0 V Suffix
IQSAT
1100
1100
1500
1500
1500
1500
1500
2000
2000
2000
mA
Current Limit
Vin = [VO + 1] V, VO Shorted
ILIMIT
450
mA
ON/OFF INPUTS
On/Off Input Voltage
Logic “1” (Regulator On) Vout = VO ± 2%
Logic “0” (Regulator Off) Vout < 0.03 V
Logic “0” (Regulator Off) Vout < 0.05 V (1.8 V Option)
VCTRL
2.4
0.5
0.3
V
THERMAL SHUTDOWN
Thermal Shutdown
150
°C
1. Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. Quiescent Current is measured where the PNP pass transistor is in saturation. Vin = [VO − 0.5] V guarantees this condition.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn