Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC33025DW Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza MC33025DW
Descripción Electrónicos  High Speed Double?묮nded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025DW Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MC33025DW Datasheet HTML 6Page - ON Semiconductor MC33025DW Datasheet HTML 7Page - ON Semiconductor MC33025DW Datasheet HTML 8Page - ON Semiconductor MC33025DW Datasheet HTML 9Page - ON Semiconductor MC33025DW Datasheet HTML 10Page - ON Semiconductor MC33025DW Datasheet HTML 11Page - ON Semiconductor MC33025DW Datasheet HTML 12Page - ON Semiconductor MC33025DW Datasheet HTML 13Page - ON Semiconductor MC33025DW Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MC34025, MC33025
http://onsemi.com
10
PIN FUNCTION DESCRIPTION
Pin No.
Function
Description
DIP/SOIC
1
Error Amp Inverting
Input
This pin is usually used for feedback from the output of the power supply.
2
Error Amp
Noninverting Input
This pin is used to provide a reference in which an error signal can be produced on the output of the
error amp. Usually this is connected to Vref, however an external reference can also be used.
3
Error Amp Output
This pin is provided for compensating the error amp for poles and zeros encountered in the power
supply system, mostly the output LC filter.
4
Clock
This is a bidirectional pin used for synchronization.
5
RT
The value of RT sets the charge current through timing Capacitor, CT.
6
CT
In conjunction with RT, the timing Capacitor sets the switching frequency. Because this part is a
push−pull output, each output runs at one−half the frequency set at this pin.
7
Ramp Input
For voltage mode operation this pin is connected to CT. For current mode operation this pin is
connected through a filter to the current sensing element.
8
Soft−Start
A capacitor at this pin sets the Soft−Start time.
9
Current
Limit/Shutdown
This pin has two functions. First, it provides cycle−by−cycle current limiting. Second, if the current is
excessive, this pin will reinitiate a Soft−Start cycle.
10
Ground
This pin is the ground for the control circuitry.
11
Output A
This is a high current totem pole output.
12
Power Ground
This is a separate power ground return that is connected back to the power source. It is used to
reduce the effects of switching transient noise on the control circuitry.
13
VC
This is a separate power source connection for the outputs that is connected back to the power
source input. With a separate power source connection, it can reduce the effects of switching
transient noise on the control circuitry.
14
Output B
This is a high current totem pole output.
15
VCC
This pin is the positive supply of the control IC.
16
Vref
This is a 5.1 V reference. It is usually connected to the noninverting input of the error amplifier.
Output Voltage
Feedback Input
2
1
3
7
6
5
4
1.25 V
Oscillator
Vref
CT
Figure 22. Voltage Mode Operation
In voltage mode operation, the control range on the output of
the Error Amplifier from 0% to 90% duty cycle is from 2.25 V
to 4.05 V.
Output Voltage
Feedback Input
2
1
3
7
6
5
4
1.25 V
Oscillator
Vref
CT
From Current
Sense Element
Figure 23. Current Mode Operation
In current mode control, an RC filter should be placed at the
ramp input to filter the leading edge spike caused by turn−on of
a power MOSFET.


Número de pieza similar - MC33025DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33025DW ONSEMI-MC33025DW Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
MC33025DWG ONSEMI-MC33025DWG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC33025DWR2G ONSEMI-MC33025DWR2G Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

Descripción similar - MC33025DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC34023 ONSEMI-MC34023_05 Datasheet
441Kb / 18P
   High Speed Single?묮nded PWM Controller
October, 2005 ??Rev. 6
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025 Datasheet
516Kb / 20P
   High Speed Double-Ended PWM Controller
1996 REV 1
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com