Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NB6N239S Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza NB6N239S
Descripción Electrónicos  3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6N239S Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB6N239S Datasheet HTML 2Page - ON Semiconductor NB6N239S Datasheet HTML 3Page - ON Semiconductor NB6N239S Datasheet HTML 4Page - ON Semiconductor NB6N239S Datasheet HTML 5Page - ON Semiconductor NB6N239S Datasheet HTML 6Page - ON Semiconductor NB6N239S Datasheet HTML 7Page - ON Semiconductor NB6N239S Datasheet HTML 8Page - ON Semiconductor NB6N239S Datasheet HTML 9Page - ON Semiconductor NB6N239S Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NB6N239S
http://onsemi.com
6
Table 8. DC CHARACTERISTICS, LVTTL/LVCMOS INPUTS (VCC = 3.0 V to 3.465 V, GND = 0 V, TA = −40°C to +85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
VIH
Input HIGH Voltage (LVCMOS/LVTTL)
2.0
VCC
V
VIL
Input LOW Voltage (LVCMOS/LVTTL)
GND
0.8
V
IIH
Input HIGH Current
−150
150
mA
IIL
Input LOW Current
−150
150
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
Table 9. AC CHARACTERISTICS VCC = 3.0 V to 3.465 V; GND = 0 V (Note 7)
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
finMAX
Maximum Input CLOCK Frequency
QA/QB = (B2, B4, B8, B16)
QA = (B1)
3.0
1.5
3.0
1.5
3.0
1.5
GHz
VOUTPP Output Voltage Amplitude (Notes 9, 10)
QA(B2, 4, 8), QB(Bn)
fin v 3.0 GHz
QA(B1), QB(Bn)
fin v 1.5 GHz
200
200
350
350
450
450
200
200
350
350
450
450
200
200
350
350
450
450
mV
tPLH,
tPHL
Propagation Delay to
CLK, Qn
Output Differential @ 50 MHz
MR, Qn
550
420
780
660
550
420
780
660
550
420
780
660
ps
tRR
Reset Recovery
0
−90
0
−90
0
−90
ps
ts
Setup Time @ 50 MHz
EN, CLK
SELA/B, CLK
0
0
−60
−300
0
0
−60
−300
0
0
−60
−300
ps
th
Hold Time @ 50 MHz
CLK, EN
CLK, SELA/B
150
700
65
200
150
700
65
200
150
700
65
200
ps
tskew
Within−Device Skew @ 50 MHz
(Note 8)
Device−to−Device Skew
(Note 8)
Duty Cycle Skew
(Note 8)
5
25
25
30
80
40
5
30
30
30
90
45
6
30
30
35
90
45
ps
tPW
Minimum Pulse Width
MR
550
550
550
ps
tJITTER
RMS Random Clock Jitter
2
2
2
ps
VINPP
Input Voltage Swing (Differential Configuration)
(Note 9)
100
VCC
−GND
100
VCC
−GND
100
VCC
−GND
mV
tr
tf
Output Rise/Fall Times @ 50 MHz
Qn, Qn
(20% − 80%)
70
120
190
70
120
190
70
120
190
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
7. Measured using a 750 mV, 50% duty cycle clock source. All loading with 100 W across LVDS outputs.
8. Skew is measured between outputs under identical transitions and conditions. Duty cycle skew is defined only for differential operation
when the delays are measured from the cross point of the inputs to the cross point of the outputs.
9. Input and output voltage swing is a single−ended measurement operating in differential mode.
10.Output Voltage Amplitude (VOHCLK − VOLCLK) at input CLOCK frequency, fin. The output frequency, fout, is the input CLOCK frequency
divided by n, fout = fin B n. Input CLOCK frequency is v3.0 GHz.


Número de pieza similar - NB6N239S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB6N239S ONSEMI-NB6N239S Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNG ONSEMI-NB6N239SMNG Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239SMNR2G ONSEMI-NB6N239SMNR2G Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
More results

Descripción similar - NB6N239S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NB6N239SMNEVB ONSEMI-NB6N239SMNEVB Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239 Datasheet
94Kb / 12P
   2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 첨1/2/4/8, 첨2/4/8/16 Clock Divider
April, 2004 ??Rev. 0
NB6N239S ONSEMI-NB6N239S_13 Datasheet
147Kb / 12P
   3.3 V, 3.0 GHz Any Differential Clock IN to LVDS OUT Clock Divider
January, 2013 ??Rev. 6
NB6L239 ONSEMI-NB6L239_06 Datasheet
104Kb / 13P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT /1/2/4/8, /2/4/8/16 Clock Divider
December, 2006 ??Rev. 5
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
   첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Renesas Technology Corp
ICS8S73034I RENESAS-ICS8S73034I Datasheet
1Mb / 21P
   Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
2019
logo
ON Semiconductor
MC100LVE222 ONSEMI-MC100LVE222_05 Datasheet
102Kb / 8P
   3.3 V/5.0 V ECL 1:15 Differential 첨1/첨2 Clock Driver
October, 2005??Rev. 11
NB100LVEP222 ONSEMI-NB100LVEP222 Datasheet
117Kb / 10P
   2.5 V/3.3 V 1:15 Differential ECL/PECL 첨1/첨2 Clock Driver
October, 2005??Rev. 9
logo
Micrel Semiconductor
SY89200U MICREL-SY89200U Datasheet
552Kb / 11P
   Ultra-Precision 1:8 LVDS Fanout Buffer with Three 첨1/첨2/첨4 Clock Divider Output Banks
logo
ON Semiconductor
NB6L239 ONSEMI-NB6L239_13 Datasheet
147Kb / 12P
   2.5V / 3.3V Any Differential Clock IN to Differential LVPECL OUT
January, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com