Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


NB100ELT23L_07 Datasheet(Hoja de datos) 5 Page - ON Semiconductor

No. de Pieza. NB100ELT23L_07
Descripción  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

   
 5 page
background image
NB100ELT23L
http://onsemi.com
5
ORDERING INFORMATION
Device
Package
Shipping
NB100ELT23LD
SO−8
98 Units / Rail
NB100ELT23LDG
SO−8
(Pb−Free)
98 Units / Rail
NB100ELT23LDR2
SO−8
2500 / Tape & Reel
NB100ELT23LDR2G
SO−8
(Pb−Free)
2500 / Tape & Reel
NB100ELT23LDT
TSSOP−8
100 Units / Rail
NB100ELT23LDTG
TSSOP−8
(Pb−Free)
100 Units / Rail
NB100ELT23LDTR2
TSSOP−8
2500 / Tape & Reel
NB100ELT23LDTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
NB100ELT23LMNR4
DFN8
1000 / Tape & Reel
NB100ELT23LMNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPS
t I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D
− Odd Number Counters Design
AND8002/D
− Marking and Date Codes
AND8020/D
− Termination of ECL Logic Devices
AND8066/D
− Interfacing with ECLinPS
AND8090/D
− AC Characteristics of ECL Devices




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MC100EPT26_063.3V 1:2 Fanout Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100LVELT23_063.3 V Dual Differential LVPECL/LVDS to LVTTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100LVELT22_073.3V Dual LVTTL/LVCMOS to Differential LVPECL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT23_063.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor
MC10EP56_063.3V / 5V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100LVEL56_063.3V ECL Dual Differential 2:1 Multiplexer 1 2 3 4 5 MoreON Semiconductor
MC100EP809_063.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable 1 2 3 4 5 MoreON Semiconductor
MC100ELT23_065 V Dual Differential PECL to TTL Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT21_063.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator 1 2 3 4 5 MoreON Semiconductor
MC100EPT22_063.3V Dual LVTTL/LVCMOS to Differential LVPECL to Differential LVPECL 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl