Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74AC109SC Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 74AC109SC
Descripción Electrónicos  Dual JK Positive Edge-Triggered Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC109SC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 74AC109SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 9Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 10Page - Fairchild Semiconductor 74AC109SC Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC109, 74ACT109 Rev. 1.5
7
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V ± 0.5V
AC Operating Requirements for ACT
Note:
9. Voltage range 5.0 is 5.0V ± 0.5V
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ. Max.
Min.
Max.
fMAX
Maximum Clock Frequency
5.0
145
210
125
MHz
tPLH
Propagation Delay,
CPn to Qn or Qn
5.0
4.0
7.0
11.0
3.5
13.0
ns
tPHL
Propagation Delay,
CPn to Qn or Qn
5.0
3.0
6.0
10.0
2.5
11.5
ns
tPLH
Propagation Delay,
CDn or SDn to Qn or Qn
5.0
2.5
5.5
9.5
2.0
10.5
ns
tPHL
Propagation Delay
5.0
2.5
6.0
10.0
2.0
11.5
ns
CDn or SDn to Qn or Qn
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Jn or Kn to CPn
5.0
0.5
2.0
2.5
ns
tH
Hold Time, HIGH or LOW,
Jn or Kn to CPn
5.0
0
2.0
2.0
ns
tW
Pulse Width,
CPn or CDn or SDn
5.0
3.0
5.0
6.0
ns
trec
Recovery Time,
CDn or SDn to CPn
5.0
–2.5
0
0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
35.0
pF


Número de pieza similar - 74AC109SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC109SC FAIRCHILD-74AC109SC Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
More results

Descripción similar - 74AC109SC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
SN54LS109A MOTOROLA-SN54LS109A Datasheet
147Kb / 4P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
AVG Semiconductors(HITE...
DV74ACT109 AVG-DV74ACT109 Datasheet
346Kb / 5P
   Dual JK Positive Edge-triggered Flip-Flop
logo
National Semiconductor ...
54F109DM NSC-54F109DM Datasheet
133Kb / 10P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109 Datasheet
79Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC109 NSC-54AC109 Datasheet
167Kb / 8P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74F109 FAIRCHILD-74F109_00 Datasheet
80Kb / 7P
   Dual JK Positive Edge-Triggered Flip-Flop
74AC109 FAIRCHILD-74AC109 Datasheet
100Kb / 9P
   Dual JK Positive Edge-Triggered Flip-Flop
logo
Motorola, Inc
MC54F74109 MOTOROLA-MC54F74109 Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
National Semiconductor ...
54LS113 NSC-54LS113 Datasheet
98Kb / 6P
   Dual JK Edge-Triggered Flip-Flop
54ACT112 NSC-54ACT112_09 Datasheet
357Kb / 8P
   Dual JK Negative Edge-Triggered Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com