Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74F161ASC Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza 74F161ASC
Descripción Electrónicos  Synchronous Presettable Binary Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F161ASC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74F161ASC Datasheet HTML 1Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 2Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 3Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 4Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 5Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 6Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 7Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 8Page - Fairchild Semiconductor 74F161ASC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tm
April 2007
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F161A, 74F163A Rev. 1.0.2
74F161A, 74F163A
Synchronous Presettable Binary Counter
Features
Synchronous counting and loading
High-speed synchronous expansion
Typical count frequency of 120MHz
General Description
The 74F161A and 74F163A are high-speed synchro-
nous modulo-16 binary counters. They are synchro-
nously presettable for application in programmable
dividers and have two types of Count Enable inputs plus
a Terminal Count output for versatility in forming
synchronous multi-stage counters. The 74F161A has an
asynchronous Master-Reset input that overrides all other
inputs and forces the outputs LOW. The 74F163A has a
Synchronous Reset input that overrides counting and
parallel loading and allows the outputs to be simulta-
neously reset on the rising edge of the clock. The
74F161A and 74F163A are high-speed versions of the
74F161 and 74F163.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagrams
Order
Number
Package
Number
Package Description
74F161ASC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74F161ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F161APC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74F163ASC
M16A
16-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74F163ASJ
M16D
16-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74F163APC
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
74F161A
74F163A


Número de pieza similar - 74F161ASC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
74F161ASC NSC-74F161ASC Datasheet
197Kb / 10P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161ASC FAIRCHILD-74F161ASC Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
74F161ASCX FAIRCHILD-74F161ASCX Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
More results

Descripción similar - 74F161ASC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
74AC163 FAIRCHILD-74AC163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
Renesas Technology Corp
HD74ACT161 RENESAS-HD74ACT161 Datasheet
221Kb / 9P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74F161A FAIRCHILD-74F161A Datasheet
96Kb / 8P
   Synchronous Presettable Binary Counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161 Datasheet
192Kb / 15P
   Synchronous Presettable Binary Counter
March, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74163 FAIRCHILD-74163 Datasheet
112Kb / 11P
   Synchronous Presettable Binary Counter
logo
AVG Semiconductors(HITE...
DV74ACT163 AVG-DV74ACT163 Datasheet
438Kb / 5P
   Synchronous Presettable Binary counter
logo
ON Semiconductor
MC74AC161 ONSEMI-MC74AC161_15 Datasheet
115Kb / 12P
   Synchronous Presettable Binary Counter
January, 2015 ??Rev. 8
logo
National Semiconductor ...
54AC161 NSC-54AC161 Datasheet
192Kb / 12P
   Synchronous Presettable Binary Counter
logo
Fairchild Semiconductor
74AC161 FAIRCHILD-74AC161_03 Datasheet
155Kb / 11P
   Synchronous Presettable Binary Counter
logo
Hitachi Semiconductor
HD74ACT161 HITACHI-HD74ACT161 Datasheet
70Kb / 14P
   Synchronous Presettable Binary Counter
logo
National Semiconductor ...
54AC163 NSC-54AC163 Datasheet
190Kb / 12P
   Synchronous Presettable Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com