Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
NBSG11BAR2 Datasheet(PDF) 8 Page - ON Semiconductor |
|
NBSG11BAR2 Datasheet(HTML) 8 Page - ON Semiconductor |
8 / 12 page NBSG11 http://onsemi.com 8 Table 8. AC CHARACTERISTICS for FCBGA−16 VCC = 0 V; VEE = −3.465 V to −2.375 V or VCC = 2.375 V to 3.465 V; VEE = 0 V Symbol Characteristic −40 °C 25 °C 70 °C Unit Min Typ Max Min Typ Max Min Typ Max fmax Maximum Frequency (See Figure 4. Fmax/JITTER) (Note 22) 10.709 12 10.709 12 10.709 12 GHz tPLH, tPHL Propagation Delay to Output Differential 90 125 160 90 125 160 90 125 160 ps tSKEW Duty Cycle Skew (Note 23) Within−Device Skew (Note 24) Device−to−Device Skew (Note 25) 3 6 25 15 15 50 3 6 25 15 15 50 3 6 25 15 15 50 ps tJITTER RMS Random Clock Jitter fin < 10 GHz Peak−to−Peak Data Dependent Jitter fin < 10 Gb/s 0.2 TBD 1 0.2 TBD 1 0.2 TBD 1 ps VINPP Input Voltage Swing/Sensitivity (Differential Configuration) (Note 26) 75 2600 75 2600 75 2600 mV tr tf Output Rise/Fall Times Q, Q (20% − 80%) @ 1 GHz 20 30 55 20 30 55 20 30 55 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 22. Measured using a 500 mV source, 50% duty cycle clock source. All loading with 50 W to VCC − 2.0 V. For minimum fmax value of 10.709 GHz, output amplitude is approximately 200 mV (as shown in Figure 4, where output P−P spec is shown as a minimum/guarantee of around 150 mV). Input edge rates 40 ps (20% − 80%). 23. See Figure 5. tSKEW = |tPLH − tPHL| for a nominal 50% Differential Clock Input Waveform. 24. Within−Device skew is defined as identical transitions on similar paths through a device. 25. Device−to−device skew for identical transitions at identical VCC levels. 26. VINPP (MAX) cannot exceed VCC − VEE. |
Número de pieza similar - NBSG11BAR2 |
|
Descripción similar - NBSG11BAR2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |