Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBSG111BAR2 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza NBSG111BAR2
Descripción Electrónicos  2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG111BAR2 Datasheet(HTML) 1 Page - ON Semiconductor

  NBSG111BAR2 Datasheet HTML 1Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 2Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 3Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 4Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 5Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 6Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 7Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 8Page - ON Semiconductor NBSG111BAR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2007
January, 2007 − Rev. 8
1
Publication Order Number:
NBSG111/D
NBSG111
2.5V/3.3VSiGe Differential
1:10 Clock/Data Driver
with RSECL* Outputs
*Reduced Swing ECL
Description
The NBSG111 is a 1−to−10 differential clock/data driver. The
device is functionally equivalent to the LVEP111 device with much
higher bandwidth and lower EMI capabilities.
Inputs incorporate internal 50
W termination resistors (input to VT
pad) and accept NECL (Negative ECL), PECL (Positive ECL),
LVTTL, LVCMOS, CML, or LVDS. Outputs are RSECL (Reduced
Swing ECL), 400 mV.
The Q[0:9] / Q[0:9] outputs have a differential synchronous enable
(EN/EN) pin. The synchronous enable pin is used to avoid a runt clock
pulse when the device is enabled/disabled as can happen with an
asynchronous control. The internal flip flop is clocked on the falling
edge of selected clock (CLK0/CLK0 or CLK1/CLK1), therefore all
associated specification limits are referenced to the negative edge of
the selected clock input.
The VBB and VMM pins are internally generated voltage supplies
available to this device only. The VBB is used for single−ended NECL
or PECL inputs and the VMM pin is used for LVCMOS inputs. For
single−ended input operation, the unused differential input is
connected to VBB or VMM as a switching reference voltage. VBB or
VMM may also rebias AC coupled inputs. When used, decouple VBB
and VMM via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB and VMM outputs should be left open.
Features
Maximum Input Clock Frequency > 6 GHz Typical
Maximum Input Data Rate > 6 Gb/s Typical
300 ps Typical Propagation Delay
60 ps Typical Rise and Fall Times
RSPECL Output with Operating Range: VCC = 2.375 V to
3.465 V with VEE = 0 V
RSNECL Output with RSNECL or NECL Inputs with
Operating Range: VCC = 0 V with VEE = −2.375 V to −3.465 V
RSECL Output Level (400 mV Peak−to−Peak Output), Differential
Output
50 W Internal Input Termination Resistors
Compatible with Existing 2.5 V/3.3 V LVEP and EP Devices
VBB and VMM Reference Voltage Output
SG111 = Device Code
L
= Wafer Lot
Y
= Year
W
= Work Week
*For further details, refer to Application Note
AND8002/D
FCBGA−49
BA SUFFIX
CASE 489A
MARKING
DIAGRAM*
SG
111
LYW
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION


Número de pieza similar - NBSG111BAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG111BA ONSEMI-NBSG111BA Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
NBSG111BAEVB ONSEMI-NBSG111BAEVB Datasheet
355Kb / 12P
   Evaluation Board Manual for NBSG111
October, 2003 ??Rev. 0
More results

Descripción similar - NBSG111BAR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG11 ONSEMI-NBSG11 Datasheet
81Kb / 10P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
April, 2003 - Rev. 6
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NB7L111M ONSEMI-NB7L111M Datasheet
256Kb / 13P
   2.5V / 3.3V, 6.125Gb/s 1:10 Differential Clock/Data Driver with CML Output
January, 2006 ??Rev. 1
NBSG14 ONSEMI-NBSG14_14 Datasheet
397Kb / 12P
   SiGe Differential 1:4 Clock/Data Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U_11 Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com