Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT89C5130A-M Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza AT89C5130A-M
Descripción Electrónicos  8-bit Flash Microcontroller with Full Speed USB Device
Download  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-M Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89C5130A-M_06 Datasheet HTML 1Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 2Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 3Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 4Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 5Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 6Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 7Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 8Page - ATMEL Corporation AT89C5130A-M_06 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 186 page
background image
2
AT89C5130A/31A-M
4337G–USB–11/06
Description
AT89C5130A/31A-M is a high-performance Flash version of the 80C51 single-chip 8-bit
microcontrollers with full speed USB functions.
AT89C5130A/31A-M features a full-speed USB module compatible with the USB speci-
fications Version 1.1 and 2.0. This module integrates the USB transceivers with a 3.3V
voltage regulator and the Serial Interface Engine (SIE) with Digital Phase Locked Loop
and 48 MHz clock recovery. USB Event detection logic (Reset and Suspend/Resume)
and FIFO buffers supporting the mandatory control Endpoint (EP0) and up to 6 versatile
Endpoints (EP1/EP2/EP3/EP4/EP5/EP6) with minimum software overhead are also part
of the USB module.
AT89C5130A/31A-M retains the features of the Atmel 80C52 with extended Flash
capacity (16/32-Kbytes), 256 bytes of internal RAM, a 4-level interrupt system, two 16-
bit timer/counters (T0/T1), a full duplex enhanced UART (EUART) and an on-chip
oscillator.
In addition, AT89C5130A/31A-M has an on-chip expanded RAM of 1024 bytes (ERAM),
a dual data pointer, a 16-bit up/down Timer (T2), a Programmable Counter Array (PCA),
up to 4 programmable LED current sources, a programmable hardware watchdog and a
power-on reset.
AT89C5130A/31A-M has two software-selectable modes of reduced activity for further
reduction in power consumption. In the idle mode the CPU is frozen while the timers, the
serial ports and the interrupt system are still operating. In the power-down mode the
RAM is saved, the peripheral clock is frozen, but the device has full wake-up capability
through USB events or external interrupts.


Número de pieza similar - AT89C5130A-M_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
More results

Descripción similar - AT89C5130A-M_06

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_06 Datasheet
2Mb / 185P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com