Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP300 Datasheet(PDF) 14 Page - ON Semiconductor

No. de Pieza. NCP300
Descripción  Voltage Detector Series
Descarga  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP300 Datasheet(HTML) 14 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
NCP300, NCP301
http://onsemi.com
14
Figure 15. NCP300L Series 0.9 V
Reset Output Source Current versus Input Voltage
Figure 16. NCP300L Series 2.7 V
Reset Output Source Current versus Input Voltage
Figure 17. NCP300L Series 4.5 V
Reset Output Source Current versus Input Voltage
Figure 18. NCP300H/1L Series 0.9 V
Reset Output Sink Current versus Output Voltage
Figure 19. NCP300H/1L Series 2.7 V
Reset Output Sink Current versus Output Voltage
Figure 20. NCP300H/1L Series 4.5 V
Reset Output Sink Current versus Output Voltage
0
35
25
15
5.0
1.0
2.0
3.0
10
0
4.0
20
30
VOUT, OUTPUT VOLTAGE (V)
TA = 25°C
Vin = 4.0 V
Vin = 3.5 V
Vin = 3.0 V
Vin = 2.5 V
Vin = 2.0 V
Vin = 1.5 V
15
0
0
2.0
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (V)
5.0
10
20
VOUT = Vin −2.1 V
TA = 25°C
Vin −1.5 V
Vin −1.0 V
Vin −0.5 V
15
10
5.0
0
0
0.5
1.0
1.5
2.0
2.5
VOUT, OUTPUT VOLTAGE (V)
Vin = 2.5 V
Vin = 2.0 V
Vin = 1.5 V
TA = 25°C
15
0
0
2.0
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (V)
5.0
10
20
VOUT = Vin −2.1 V
Vin −1.5 V
Vin −1.0 V
Vin −0.5 V
TA = 25°C
20
5.0
0
0
2.0
4.0
6.0
8.0
10
Vin, INPUT VOLTAGE (V)
10
15
VOUT = Vin −2.1 V
Vin −1.5 V
Vin −1.0 V
Vin −0.5 V
TA = 25°C
0
VOUT, OUTPUT VOLTAGE (V)
0.2
0.4
0.6
0.8
1.0
1.5
0.5
0
1.0
Vin = 0.85 V
TA = 25°C
Vin = 0.7 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn