Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP300 Datasheet(PDF) 20 Page - ON Semiconductor

No. de Pieza. NCP300
Descripción  Voltage Detector Series
Descarga  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP300 Datasheet(HTML) 20 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
NCP300, NCP301
http://onsemi.com
20
Figure 32. LED Bar Graph Voltage Monitor
NCP301
LSN27T1
2
NCP301
LSN27T1
NCP301
LSN45T1
3
1
Vsupply
NCP301
LSN27T1
2
NCP301
LSN27T1
NCP301
LSN27T1
3
1
NCP301
LSN27T1
2
NCP301
LSN27T1
NCP301
LSN18T1
3
1
Input
GND
Reset
Output
Input
GND
Reset
Output
Input
GND
Reset
Output
Vin = 1.0 V to 10 V
A simple voltage monitor can be constructed by connecting several voltage detectors as shown above. Each LED will
sequentially turn on when the respective voltage detector threshold (VDET− +VHYS) is exceeded. Note that detector
thresholds (VDET−) that range from 0.9 V to 4.9 V in 100 mV steps can be manufactured.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn