Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP300 Datasheet(PDF) 22 Page - ON Semiconductor

No. de Pieza. NCP300
Descripción  Voltage Detector Series
Descarga  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP300 Datasheet(HTML) 22 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
NCP300, NCP301
http://onsemi.com
22
ORDERING INFORMATION
Device
Shipping
Package
Marking
Reset
Output Type
Threshold Voltage
NCP300HSN09T1
0.9
CMOS
Active
High
SDY
TSOP−5
3000 / Tape & Reel
(7 in. Reel)
NCP300HSN09T1G
0.9
SDY
TSOP−5
(Pb−Free)
NCP300HSN18T1
1.8
SFJ
TSOP−5
NCP300HSN18T1G
1.8
SFJ
TSOP−5
(Pb−Free)
NCP300HSN27T1
2.7
SDU
TSOP−5
NCP300HSN27T1G
2.7
SDU
TSOP−5
(Pb−Free)
NCP300HSN30T1
3.0
SDS
TSOP−5
NCP300HSN30T1G
3.0
SDS
TSOP−5
(Pb−Free)
NCP300HSN45T1
4.5
SDQ
TSOP−5
NCP300HSN45T1G
4.5
SDQ
TSOP−5
(Pb−Free)
NCP300HSN47T1
4.7
SDP
TSOP−5
NCP300HSN47T1G
4.7
SDP
TSOP−5
(Pb−Free)
NCP301LSN09T1
0.9
Open
Drain
Active
Low
SFF
TSOP−5
3000 / Tape & Reel
(7 in. Reel)
NCP301LSN09T1G
0.9
SFF
TSOP−5
(Pb−Free)
NCP301LSN12T1
1.2
SNN
TSOP−5
NCP301LSN12T1G
1.2
SNN
TSOP−5
(Pb−Free)
NCV301LSN12T1*
1.2
SRK
TSOP−5
NCV301LSN12T1G*
1.2
SRK
TSOP−5
(Pb−Free)
NCP301LSN16T1
1.6
SNJ
TSOP−5
NCP301LSN16T1G
1.6
SNJ
TSOP−5
(Pb−Free)
NCV301LSN16T1*
1.6
SRL
TSOP−5
NCV301LSN16T1G*
1.6
SRL
TSOP−5
(Pb−Free)
NCP301LSN18T1
1.8
SFN
TSOP−5
NCP301LSN18T1G
1.8
SFN
TSOP−5
(Pb−Free)
NCP301LSN20T1
2.0
SFD
TSOP−5
NCP301LSN20T1G
2.0
SFD
TSOP−5
(Pb−Free)
NCP301LSN22T1
2.2
SNG
TSOP−5
NCP301LSN22T1G
2.2
SNG
TSOP−5
(Pb−Free)
NCV301LSN22T1*
2.2
SUA
TSOP−5
NCP301LSN25T1
2.5
SNF
TSOP−5
NCP301LSN25T1G
2.5
SNF
TSOP−5
(Pb−Free)
NCP301LSN26T1
2.6
SNE
TSOP−5
NCP301LSN26T1G
2.6
SNE
TSOP−5
(Pb−Free)
NOTE:
The ordering information lists standard undervoltage thresholds with active low outputs. Additional active low threshold devices,
ranging from 0.9 V to 4.9 V in 100 mV increments and NCP300/NCP301 active high output devices, ranging from 0.9 V to 4.9 V
in 100 mV increments can be manufactured. Contact your ON Semiconductor representative for availability. The electrical
characteristics of these additional devices are shown in Tables 1 through 4.
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV prefix for automotive and other applications requiring site and control changes.
NCVxxx: Tlow = −40°C, Thigh = +125°C. Guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn