Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATTINY11 Datasheet(PDF) 8 Page - ATMEL Corporation |
|
ATTINY11 Datasheet(HTML) 8 Page - ATMEL Corporation |
8 / 13 page 8 ATtiny28L/V 1062FS–AVR–07/06 Packaging Information 32A 2325 Orchard Parkway San Jose, CA 95131 TITLE DRAWING NO. R REV. 32A, 32-lead, 7 x 7 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP) B 32A 10/5/2001 PIN 1 IDENTIFIER 0˚~7˚ PIN 1 L C A1 A2 A D1 D e E1 E B Notes: 1. This package conforms to JEDEC reference MS-026, Variation ABA. 2. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum plastic body size dimensions including mold mismatch. 3. Lead coplanarity is 0.10 mm maximum. A – – 1.20 A1 0.05 – 0.15 A2 0.95 1.00 1.05 D 8.75 9.00 9.25 D1 6.90 7.00 7.10 Note 2 E 8.75 9.00 9.25 E1 6.90 7.00 7.10 Note 2 B 0.30 – 0.45 C 0.09 – 0.20 L 0.45 – 0.75 e 0.80 TYP COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN NOM MAX NOTE |
Número de pieza similar - ATTINY11_06 |
|
Descripción similar - ATTINY11_06 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |