Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYM358X Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza BYM358X
Descripción Electrónicos  Damper-Modulator fast, high-voltage
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM358X Datasheet(HTML) 3 Page - NXP Semiconductors

  BYM358X Datasheet HTML 1Page - NXP Semiconductors BYM358X Datasheet HTML 2Page - NXP Semiconductors BYM358X Datasheet HTML 3Page - NXP Semiconductors BYM358X Datasheet HTML 4Page - NXP Semiconductors BYM358X Datasheet HTML 5Page - NXP Semiconductors BYM358X Datasheet HTML 6Page - NXP Semiconductors BYM358X Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Damper-Modulator
BYM358X
fast, high-voltage
ELECTRICAL CHARACTERISTICS OF DAMPER
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
t
rr
Reverse recovery time
I
F = 1 A; VR ≥ 30 V;
130
170
ns
-dI
F/dt = 50 A/µs
Q
s
Reverse recovery charge
2 A,30 V,20 A/
µs
0.65
0.9
µC
V
fr
Peak forward recovery voltage
I
F = 6.5 A;
29
-
V
dI
F/dt = 50 A/µs
ELECTRICAL CHARACTERISTICS OF MODULATOR
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
t
rr
Reverse recovery time
I
F = 1 A; VR ≥ 30 V;
35
60
ns
-dI
F/dt = 100 A/µs
I
rrm
Peak reverse recovery current
I
F = 10 A to VR ≥ 30 V;
3.0
5.5
A
dI
F/dt = 50 A/µs; Tj = 100˚C
Q
s
Reverse recovery charge
2 A,30 V,20 A/
µs40
70
nC
V
fr
Peak forward recovery voltage
I
F = 10 A;
5.0
-
V
dI
F/dt = 10 A/µs
March 2000
3
Rev 1.000


Número de pieza similar - BYM358X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYM358DX PHILIPS-BYM358DX Datasheet
54Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
More results

Descripción similar - BYM358X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYM357DX PHILIPS-BYM357DX Datasheet
51Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM357X PHILIPS-BYM357X Datasheet
50Kb / 7P
   Damper-Modulator fast, high-voltage
February 2000 Rev 1.100
BYM358DX PHILIPS-BYM358DX Datasheet
54Kb / 7P
   Damper-Modulator fast, high-voltage
March 2000 Rev 1.000
BY329X-1500 PHILIPS-BY329X-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY359F-1500 PHILIPS-BY359F-1500 Datasheet
37Kb / 5P
   Damper diode fast, high-voltage
September 1998 Rev 1.300
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY559X-1500U PHILIPS-BY559X-1500U Datasheet
20Kb / 4P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
logo
Frontier Electronics.
BY329X-1500 FRONTIER-BY329X-1500 Datasheet
62Kb / 2P
   DAMPER DIODE FAST , HIGH VOLTAGE
logo
NXP Semiconductors
BY559-1500U PHILIPS-BY559-1500U Datasheet
15Kb / 3P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
BY459-1500 PHILIPS-BY459-1500 Datasheet
38Kb / 6P
   Damper diode fast, high-voltage
September 1998 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com