Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYM26G Datasheet(PDF) 1 Page - NXP Semiconductors

No. de pieza BYM26G
Descripción Electrónicos  Fast soft-recovery controlled avalanche rectifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM26G Datasheet(HTML) 1 Page - NXP Semiconductors

  BYM26G Datasheet HTML 1Page - NXP Semiconductors BYM26G Datasheet HTML 2Page - NXP Semiconductors BYM26G Datasheet HTML 3Page - NXP Semiconductors BYM26G Datasheet HTML 4Page - NXP Semiconductors BYM26G Datasheet HTML 5Page - NXP Semiconductors BYM26G Datasheet HTML 6Page - NXP Semiconductors BYM26G Datasheet HTML 7Page - NXP Semiconductors BYM26G Datasheet HTML 8Page - NXP Semiconductors BYM26G Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Product specification
Supersedes data of February 1994
1996 May 24
DISCRETE SEMICONDUCTORS
BYM26 series
Fast soft-recovery
controlled avalanche rectifiers
handbook, 2 columns
M3D118


Número de pieza similar - BYM26G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gulf Semiconductor
BYM26G GULFSEMI-BYM26G Datasheet
72Kb / 2P
   SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 1400V CURRENT: 2.3A
More results

Descripción similar - BYM26G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYV36 PHILIPS-BYV36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jul 01
BYW95 PHILIPS-BYW95 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD31 PHILIPS-BYD31 Datasheet
59Kb / 9P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
BYD37 PHILIPS-BYD37 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1999 Nov 16
BYD52 PHILIPS-BYD52 Datasheet
51Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 03
BYV96 PHILIPS-BYV96 Datasheet
54Kb / 8P
   Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
BYD33 PHILIPS-BYD33 Datasheet
65Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
logo
New Jersey Semi-Conduct...
BYW95 NJSEMI-BYW95 Datasheet
141Kb / 2P
   Fast soft-recovery controlled avalanche rectifiers
logo
NXP Semiconductors
BYD53 PHILIPS-BYD53 Datasheet
81Kb / 12P
   Fast soft-recovery controlled avalanche rectifiers
1998 Dec 04
BYM36 PHILIPS-BYM36 Datasheet
78Kb / 14P
   Fast soft-recovery controlled avalanche rectifiers
1996 Sep 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com