Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BYM63 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza BYM63
Descripción Electrónicos  Ripple blocking diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BYM63 Datasheet(HTML) 4 Page - NXP Semiconductors

  BYM63 Datasheet HTML 1Page - NXP Semiconductors BYM63 Datasheet HTML 2Page - NXP Semiconductors BYM63 Datasheet HTML 3Page - NXP Semiconductors BYM63 Datasheet HTML 4Page - NXP Semiconductors BYM63 Datasheet HTML 5Page - NXP Semiconductors BYM63 Datasheet HTML 6Page - NXP Semiconductors BYM63 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Jun 10
4
Philips Semiconductors
Product specification
Ripple blocking diode
BYM63
GRAPHICAL DATA
a = 1.42; VR = VRRMmax; δ = 0.5.
Switched mode application.
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
3
0
1
MBD421
100
I F(AV)
(A)
T
( C)
o
tp
2
lead length 10 mm
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
handbook, halfpage
0
200
2.0
0
0.4
1.6
MBD416
100
I F(AV)
(A)
T
( C)
o
amb
0.8
1.2
a = 1.42; VR = VRRMmax; δ = 0.5.
Device mounted as shown in Fig.8.
Switched mode application.
a = IF(RMS)/IF(AV); VR = VRRMmax; δ = 0.5.
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
0
5
0
2
4
MBD430
I
(A)
F(AV)
2.4
0.6
1.8
P
(W)
3
1
1.2
a = 3
2.5
2 1.57 1.42
Dotted line: Tj = 175 °C.
Solid line: Tj = 25 °C.
Fig.5
Forward current as a function of forward
voltage; maximum values.
handbook, halfpage
0
2
VF (V)
4
10
(A)
IF
0
8
MBD426
6
4
2


Número de pieza similar - BYM63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
eupec GmbH
BYM600A170DN2 EUPEC-BYM600A170DN2 Datasheet
212Kb / 5P
   Diode Power Module
logo
Inchange Semiconductor ...
BYM600A170DN2 ISC-BYM600A170DN2 Datasheet
294Kb / 3P
   Diode Power Module
More results

Descripción similar - BYM63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BYD67 PHILIPS-BYD67 Datasheet
59Kb / 8P
   Ripple blocking diode
1999 Oct 20
BYQ63 PHILIPS-BYQ63 Datasheet
91Kb / 8P
   Ripple blocking diode
1998 Dec 04
BYD63 PHILIPS-BYD63 Datasheet
77Kb / 7P
   Ripple blocking diode
1996 Jun 10
logo
EIC discrete Semiconduc...
BYD67A EIC-BYD67A Datasheet
104Kb / 2P
   RIPPLE BOCKING DIODE
logo
Microsemi Corporation
TD3165 MICROSEMI-TD3165 Datasheet
54Kb / 1P
   Solar Array Blocking Diode
logo
Diotec Semiconductor
TGL200C2K DIOTEC-TGL200C2K Datasheet
161Kb / 2P
   Blocking Diode and Transient Voltage Suppressor
logo
NXP Semiconductors
BZD142W PHILIPS-BZD142W Datasheet
50Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2001 Oct 10
BZD142 PHILIPS-BZD142 Datasheet
55Kb / 8P
   ZenBlockTM; zener with integrated blocking diode
2000 Dec 19
BZG142 PHILIPS-BZG142 Datasheet
61Kb / 8P
   SMA ZenBlock; zener with integrated blocking diode
2001 Aug 20
logo
Solid State Optronic
STZ8082 SSOUSA-STZ8082 Datasheet
400Kb / 9P
   High Blocking Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com