Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8354ACP-REEL7 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD8354ACP-REEL7
Descripción Electrónicos  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8354ACP-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8354ACP-REEL7 Datasheet HTML 2Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 3Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 4Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 5Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8354ACP-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8354
Rev. C | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
COM1
NC
INPT
COM2
COM1
VOUT
VPOS
COM2
NC = NO CONNECT
AD8354
TOP VIEW
(Not to Scale)
1
2
3
4
8
7
6
5
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8
COM1
Device Common. Connect to low impedance ground.
2
NC
No Connection.
3
INPT
RF Input Connection. Must be ac-coupled.
4, 5
COM2
Device Common. Connect to low impedance ground.
6
VPOS
Positive Supply Voltage.
7
VOUT
RF Output Connection. Must be ac-coupled.


Número de pieza similar - AD8354ACP-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8354ACP-REEL7 AD-AD8354ACP-REEL7 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
More results

Descripción similar - AD8354ACP-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com