Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8367ARU-REEL-7 Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8367ARU-REEL-7
Descripción Electrónicos  500 MHz, Linear-in-dB VGA with AGC Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8367ARU-REEL-7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8367ARU-REEL-7 Datasheet HTML 4Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 5Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 6Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 7Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 8Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 9Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 10Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 11Page - Analog Devices AD8367ARU-REEL-7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8367
Rev. A | Page 8 of 24
40
35
30
25
20
15
10
33
28
23
18
13
8
3
10
1000
100
FREQUENCY (MHz)
Figure 9. OIP3 vs. Frequency for VGAIN = 500 mV
4
2
0
–2
–4
–6
–8
11
9
7
5
3
1
–1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VGAIN (V)
200MHz
140MHz
70MHz
10MHz
Figure 10. Output P1dB vs. VGAIN
5
–5
–4
–3
–2
–1
0
1
2
3
4
12
2
3
4
5
6
7
8
9
10
11
10
100
1000
FREQUENCY (MHz)
Figure 11. Output P1dB vs. Frequency at VGAIN = 500 mV
0
–80
–70
–60
–50
–40
–30
–20
–10
0
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGAIN (V)
240MHz
140MHz
10MHz
70MHz
Figure 12. IMD3 vs. Gain (VOUT = 1 V p-p Composite)
4
–8
–6
–4
–2
0
2
11
9
7
5
3
1
–1
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VS (V)
Figure 13. Output Compression Point vs. Supply Voltage at 70 MHz,
VGAIN = 500 mV
40
35
30
25
20
15
10
5
0
33
–7
–2
3
8
13
18
23
28
2.5
5.5
5.0
4.5
4.0
3.5
3.0
VS (V)
Figure 14. Output Third-Order Intercept vs. Supply Voltage at 70 MHz,
VGAIN = 500 mV


Número de pieza similar - AD8367ARU-REEL-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8367ARU-REEL-7 AD-AD8367ARU-REEL-7 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
More results

Descripción similar - AD8367ARU-REEL-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8367 AD-AD8367 Datasheet
607Kb / 16P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8367 AD-AD8367_15 Datasheet
492Kb / 24P
   500 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8368 AD-AD8368_15 Datasheet
859Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. B
AD8368 AD-AD8368 Datasheet
471Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. 0
AD8368 AD-AD8368_07 Datasheet
511Kb / 20P
   800 MHz, Linear-in-dB VGA with AGC Detector
REV. A
AD8386 AD-AD8386_17 Datasheet
742Kb / 20P
   Linear-in-dB VGA with AGC Detector
ADL6337 AD-ADL6337 Datasheet
1Mb / 41P
   35 dB Gain, 500 MHz to 5200 MHz Transmit VGA
Rev. B
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
   500 MHz BW Envelope Detector
logo
Linear Technology
LTC5596 LINER-LTC5596 Datasheet
2Mb / 22P
   100MHz to 40GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
logo
Analog Devices
LTC5597 AD-LTC5597 Datasheet
2Mb / 22P
   100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com