Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8129 Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD8129
Descripción Electrónicos  Low Cost 270 MHz Differential Receiver Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8129 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8129_05 Datasheet HTML 7Page - Analog Devices AD8129_05 Datasheet HTML 8Page - Analog Devices AD8129_05 Datasheet HTML 9Page - Analog Devices AD8129_05 Datasheet HTML 10Page - Analog Devices AD8129_05 Datasheet HTML 11Page - Analog Devices AD8129_05 Datasheet HTML 12Page - Analog Devices AD8129_05 Datasheet HTML 13Page - Analog Devices AD8129_05 Datasheet HTML 14Page - Analog Devices AD8129_05 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
AD8129/AD8130
Rev. C | Page 11 of 40
FREQUENCY (MHz)
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
400
VS = ±2.5V
VS = ±12V
VS = ±5V
RL = 150Ω
Figure 11. AD8130 Frequency Response vs. Supply, RL = 150 Ω
FREQUENCY (MHz)
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
300
VS = ±2.5V
VS = ±12V
VS = ±5V
G = +2
VOUT = 0.3V p-p
Figure 12. AD8130 Frequency Response vs. Supply,
G = +2, VOUT = 0.3 V p-p
FREQUENCY (MHz)
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
300
VS = ±2.5V
VS = ±12V
VS = ±5V
G = +2
VOUT = 2V p-p
Figure 13. AD8130 Frequency Response vs. Supply,
G = +2, VOUT = 2 V p-p
FREQUENCY (MHz)
3
1
0
–3
–4
–5
–6
–7
–2
–1
1
2
10
100
300
RF = RG = 1kΩ
RF = RG = 750Ω
RF = RG = 499Ω
RF = RG = 250Ω
G = +2
VS = ±5V
Figure 14. AD8130 Frequency Response for Various RF/RG
FREQUENCY (MHz)
0.3
1
10
100
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
VS = ±2.5V
VS = ±12V
VS = ±5V
G = +2
RL = 1kΩ
Figure 15. AD8130 Fine Scale Response vs. Supply,
G = +2, RL = 1 kΩ
FREQUENCY (MHz)
0.3
110
0
–0.3
–0.4
–0.5
–0.6
–0.7
–0.2
–0.1
0.1
0.2
100
VS =±2.5V
VS =±12V
VS =±5V
G= +2
RL = 150Ω
Figure 16. AD8130 Fine Scale Response vs. Supply,
G = +2, RL = 150 Ω


Número de pieza similar - AD8129_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8129-EVAL AD-AD8129-EVAL Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR AD-AD8129AR Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR-REEL1 AD-AD8129AR-REEL1 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129AR-REEL72 AD-AD8129AR-REEL72 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8129ARM AD-AD8129ARM Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
More results

Descripción similar - AD8129_05

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8129 AD-AD8129_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8129 AD-AD8129 Datasheet
505Kb / 28P
   Low-Cost 270 MHz Differential Receiver Amplifiers
AD8130 AD-AD8130_15 Datasheet
791Kb / 41P
   Low Cost 270 MHz Differential Receiver Amplifiers
REV. C
AD8055 AD-AD8055_06 Datasheet
302Kb / 16P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055ART AD-AD8055ART Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8056 AD-AD8056_15 Datasheet
491Kb / 17P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
Rev. J
AD8055 AD-AD8055 Datasheet
207Kb / 11P
   Low Cost, 300 MHz Voltage Feedback Amplifiers
REV. B
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com