Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AD8314ACP-REEL7 Datasheet(Hoja de datos) 6 Page - Analog Devices

No. de Pieza. AD8314ACP-REEL7
Descripción  100 MHz to 2.7 GHz, 45 dB RF Detector/Controller
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

 6 page
background image
AD8314
Rev. B | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.2
0
–75
–5
INPUT AMPLITUDE (dBV)
(–52dBm)
(–2dBm)
2.5GHz
1.9GHz
0.9GHz
0.1GHz
1.0
0.8
0.6
0.4
0.2
–65
–55
–45
–35
–25
–15
Figure 4. VUP vs. Input Amplitude
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
–40°C
+85°C
+25°C
+25°C
–40°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 5. VUP and Log Conformance vs. Input Amplitude at 0.1 GHz;
−40°C, +25°C, and +85°C
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
–40°C
+85°C
+25°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 6. VUP and Log Conformance vs. Input Amplitude at 0.9 GHz;
−40°C, +25°C, and +85°C
4
–4
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
0.1GHz
3
2
1
0
–1
–2
–3
–60
–50
–40
–30
–20
–10
0.9GHz
2.5GHz
1.9GHz
Figure 7. Log Conformance vs. Input Amplitude
–40°C
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
+85°C
+25°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 8. VUP and Log Conformance vs. Input Amplitude at 1.9 GHz;
−40°C, +25°C, and +85°C
–40°C
1.2
0
–70
0
INPUT AMPLITUDE (dBV)
(–47dBm)
(+3dBm)
1.0
0.8
0.6
0.4
0.2
3
–3
2
1
0
–1
–2
–60
–50
–40
–30
–20
–10
+85°C
+85°C
+25°C
SLOPE AND INTERCEPT
NORMALIZED AT +25°C AND
APPLIED TO –40°C AND +85°C
Figure 9. VUP and Log Conformance vs. Input Amplitude at 2.5 GHz;
−40°C, +25°C, and +85°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AD8354_051 MHz to 2.7 GHz RF Gain Block 1 2 3 4 5 MoreAnalog Devices
ADL55191 MHz to 10 GHz 50 dB Dual Log Detector/Controller 1 2 3 4 5 MoreAnalog Devices
AD83171 MHz to 10 GHz 50 dB Log Detector/Controller 1 2 3 4 5 MoreAnalog Devices
AD83191 MHz to 10 GHz 40 dB Log Detector/Controller 1 2 3 4 5 MoreAnalog Devices
PE42612SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz 1 2 3 4 Peregrine Semiconductor Corp.
AD8312_0550 MHz to 3.5 GHz 45 dB RF Detector 1 2 3 4 5 MoreAnalog Devices
V43644Y04VTG-10PC3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM 1 2 3 4 5 MoreMosel Vitelic, Corp
NB3N30113.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output 1 2 3 4 5 MoreON Semiconductor
AD8313_040.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller 1 2 3 4 5 MoreAnalog Devices

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl