Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8319-EVALZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8319-EVALZ
Descripción Electrónicos  1 MHz to 10 GHz, 40 dB Log Detector/Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8319-EVALZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8319-EVALZ Datasheet HTML 4Page - Analog Devices AD8319-EVALZ Datasheet HTML 5Page - Analog Devices AD8319-EVALZ Datasheet HTML 6Page - Analog Devices AD8319-EVALZ Datasheet HTML 7Page - Analog Devices AD8319-EVALZ Datasheet HTML 8Page - Analog Devices AD8319-EVALZ Datasheet HTML 9Page - Analog Devices AD8319-EVALZ Datasheet HTML 10Page - Analog Devices AD8319-EVALZ Datasheet HTML 11Page - Analog Devices AD8319-EVALZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8319
Rev. A | Page 8 of 20
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
–1.0
0
0.5
1.0
1.5
2.0
–0.5
PIN (dBm)
–60
–50
–40
–30
–20
–10
0
10
Figure 9. VOUT and Log Conformance vs. Input Amplitude at 900 MHz,
Multiple Devices, RTADJ = 18 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 10. VOUT and Log Conformance vs. Input Amplitude at 1.9 GHz,
Multiple Devices, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 11. VOUT and Log Conformance vs. Input Amplitude at 2.2 GHz,
Multiple Devices, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 12. VOUT and Log Conformance vs. Input Amplitude at 3.6 GHz,
Multiple Devices, RTADJ = 8 kΩ
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 13. VOUT and Log Conformance vs. Input Amplitude at 5.8 GHz,
Multiple Devices, RTADJ = 500 Ω
0
0.25
0.50
1.00
1.25
1.50
1.75
2.00
0.75
–2.0
–1.5
0
0.5
1.0
1.5
2.0
–0.5
–1.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
Figure 14. VOUT and Log Conformance vs. Input Amplitude at 8.0 GHz,
Multiple Devices, RTADJ =Open,
Error Calculated from PIN = −34 dBm to PIN = −16 dBm


Número de pieza similar - AD8319-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8319-EVALZ AD-AD8319-EVALZ Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
More results

Descripción similar - AD8319-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8319 AD-AD8319 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
AD8317 AD-AD8317 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 50 dB Log Detector/Controller
REV. 0
AD8317 AD-AD8317_08 Datasheet
780Kb / 20P
   1 MHz to 10 GHz, 55 dB Log Detector/Controller
REV. B
AD8319 AD-AD8319_15 Datasheet
1,004Kb / 20P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
REV. C
AD8319 AD-AD8319_17 Datasheet
1Mb / 19P
   1 MHz to 10 GHz, 45 dB Log Detector/Controller
ADL5519 AD-ADL5519_17 Datasheet
3Mb / 39P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
ADL5519 AD-ADL5519 Datasheet
654Kb / 27P
   1 MHz to 10 GHz, 50 dB Dual Log Detector/Controller
Rev. PrB
ADL5519 AD-ADL5519_08 Datasheet
3Mb / 40P
   1 MHz to 10 GHz, 62 dB Dual Log Detector/Controller
REV. 0
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
   1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
   1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com