Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


AD8325ARUZ-REEL Datasheet(Hoja de datos) 6 Page - Analog Devices

No. de Pieza. AD8325ARUZ-REEL
Descripción  5 V CATV Line Driver Fine Step Output Power Control
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo 

 6 page
background image
AD8325
–55
180
170
–60
–75
TXEN = 0
TXEN = 1
OUT–
OUT+
GND
VIN+
VIN
165
RL
TOKO 617DB–A0070
1:1
VCC
0.1
�F
0.1
�F
ZIN
75
5
15
25
35
45
55
FUNDAMENTAL FREQUENCY – MHz
110
65
1
10
100
FREQUENCY – MHz
TPC 7. Second Order Harmonic Distortion vs. Frequency
TPC 10. Input Impedance vs. Frequency
for Various Output Levels
–50
90
V
BmV @ MAX GAIN
VOUT = 61dBmV @
OUT = 62d
MAX GAIN
VOUT = 60dBmV @ MAX GAIN
VOUT = 59dBmV @ MAX GAIN
160
150
–65
140
130
–70
120
VOUT = 62dBmV @ MAX GAIN
VOUT = 61dBmV @ MAX GAIN
VOUT = 60dBmV @ MAX GAIN
VOUT = 59dBmV @ MAX GAIN
TXEN = 0
TXEN = 1
–52
85
–54
80
–56
–58
75
70
–60
65
–62
60
–64
55
5
15
25
35
45
55
65
1
10
100
FUNDAMENTAL FREQUENCY – MHz
FREQUENCY – MHz
TPC 8. Third Order Harmonic Distortion vs. Frequency for
TPC 11. Output Impedance vs. Frequency
Various Output Levels
–10
–50
CH PWR
12.3dBm
ACP UP
–54.02dB
ACP LOW
–53.79dB
C0
C0
CU1
CU1
C11
C11
FO =
VOUT
42MHz
= 61dBmV @ MAX GAIN
HD3
HD2
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–55
–60
–65
–70
–75
–80
0
10
20
30
40
50
60
70
80
CENTER 21MHz
75kHz/DIV
SPAN 750kHz
GAIN CONTROL – Dec Code
TPC 9. Harmonic Distortion vs. Gain Control
TPC 12. Adjacent Channel Power
–6–
REV. A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
AD96606200 MHz Laser Diode Driver with Light Power Control 1 2 3 4 5 MoreAnalog Devices
ADA4310Low Cost Dual High Current Output Line Driver with Shutdown 1 2 3 4 5 MoreAnalog Devices
AD8321_05Gain Programmablea CATV Line Driver 1 2 3 4 5 MoreAnalog Devices
TPA3004D2_0712-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
ADP3118Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
2ED020I12-FDual IGBT Driver IC for eupec Low and Medium Power IGBT Modules 1 2 3 4 5 Moreeupec GmbH
MM88C29Quad Single-Ended Line Driver . Dual Differential Line Driver 1 2 3 4 5 MoreFairchild Semiconductor
2SA1837POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS 1 2 3 Unisonic Technologies
M28SAUDIO OUTPUT DRIVER AMPLIFIER 1 2 Unisonic Technologies
MC3488A_06Dual EIA−423/EIA−232D Line Driver 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl