Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5817 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 1N5817
Descripción Electrónicos  1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5817 Datasheet(HTML) 2 Page - ON Semiconductor

  1N5817 Datasheet HTML 1Page - ON Semiconductor 1N5817 Datasheet HTML 2Page - ON Semiconductor 1N5817 Datasheet HTML 3Page - ON Semiconductor 1N5817 Datasheet HTML 4Page - ON Semiconductor 1N5817 Datasheet HTML 5Page - ON Semiconductor 1N5817 Datasheet HTML 6Page - ON Semiconductor 1N5817 Datasheet HTML 7Page - ON Semiconductor 1N5817 Datasheet HTML 8Page - ON Semiconductor 1N5817 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCP1547
http://onsemi.com
2
Figure 1. Application Diagram, 4.5 V − 16 V to 3.3 V @ 1.0 A Converter
D2
Vout (3.3 V)
Vin (7 V to 16 V)
D1
R2
127
R3
205
+
U1
NC
NC
NC
NC
SYNC
NC
NC
NC
Vsw
SHDNB
NC
Vfb
Vc
BOOST
Vin
GND
+
R6
10k
SHDNB
SYNC
C3
100
mF
L1
27
mH
C1
1
mF
NCP1547
C4
0.1
mF
C5
0.1
mF
C2
330
mF
MAXIMUM RATINGS*
Rating
Value
Unit
Peak Transient Voltage (31 V Load Dump @ VIN = 14 V)
45
V
Operating Junction Temperature Range, TJ
−40 to 125
°C
Lead Temperature Soldering:
Reflow: (Note 1)
240 peak
(Note 2)
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD
(Human Body Model)
(Machine Model)
(Charge Device Model)
2.0
200
>1.0
kV
V
kV
Package Thermal Resistance
18−Lead DFN Junction−to−Ambient, RqJA
35
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
*The maximum package power dissipation must be observed.
1. 60 second maximum above 183
°C.
2. −5
°C/0°C allowable conditions.
MAXIMUM RATINGS (Voltages are with respect to GND)
Pin Name
VMax
VMIN
ISOURCE
ISINK
VIN (DC)*
40 V
−0.3 V
N/A
4.0 A
BOOST
40 V
−0.3 V
N/A
100 mA
VSW
40 V
−0.6 V/−1.0 V, t < 50 ns
4.0 A
10 mA
VC
7.0 V
−0.3 V
1.0 mA
1.0 mA
SHDNB
7.0 V
−0.3 V
1.0 mA
1.0 mA
SYNC
7.0 V
−0.3 V
1.0 mA
1.0 mA
VFB
7.0 V
−0.3 V
1.0 mA
1.0 mA
*See table above for load dump.


Número de pieza similar - 1N5817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Yixinwei Techn...
1N5817 YIXIN-1N5817 Datasheet
253Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
1N5817 SEMIKRON-1N5817 Datasheet
127Kb / 2P
   Schottky barrier rectifiers diodes
logo
List of Unclassifed Man...
1N5817 ETC2-1N5817 Datasheet
63Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Motorola, Inc
1N5817 MOTOROLA-1N5817 Datasheet
96Kb / 6P
   SCHOTTKY BARRIER RECTIFIERS 1 AMPERE 20, 30 and 40 VOLTS
logo
Vishay Siliconix
1N5817 VISHAY-1N5817 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
More results

Descripción similar - 1N5817

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
NCV8842 ONSEMI-NCV8842_11 Datasheet
377Kb / 16P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 10
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com