Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP5661 Datasheet(PDF) 6 Page - ON Semiconductor

No. de Pieza. NCP5661
Descripción  Low Output Voltage, Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP5661 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP5661, NCV5661
http://onsemi.com
6
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0.0
0.1
Iout, OUTPUT CURRENT (A)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Vout = 2.5 V Adjustable
Cin = 150 mF
Cout = 10 to 150 mF
TJ = 25°C
1.2
1.0
0.8
0.6
0.4
0.2
0
−40
−20
0
20
40
60
80
100
120
140
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
0
−40
−20
0
20
40
60
80
100
120
140
3.5
3.0
2.5
2.0
1.5
1.0
0.5
TJ, JUNCTION TEMPERATURE (°C)
−40
−20
0
20
40
60
80
100
120
140
2.0
1.8
1.6
1.4
1.2
1.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
Vin, INPUT VOLTAGE (V)
0.95
0.90
0.85
0.80
0.75
0.70
Iout = 10 mA
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
Iout, OUTPUT CURRENT (A)
Vin = 3.3 V
Iout = 1.0 A maximum
Cin = 150 mF
Cout = 1.0 to 150 mF
TJ = 25°C
0.0
0.2
0.4
0.6
0.8
1.0
0.900
0.898
0.896
0.894
0.892
0.890
Figure 3. Dropout Voltage vs. Temperature
Figure 4. Dropout Voltage vs. Output Current
Figure 5. Ground Current vs. Temperature
Figure 6. Short Circuit Current Limit vs.
Temperature
Figure 7. Output Voltage vs. Input Voltage
Figure 8. Output Voltage vs. Output Load Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn