Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP5661 Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. NCP5661
Descripción  Low Output Voltage, Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP5661 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 7
1
Publication Order Number:
NCP5661/D
NCP5661, NCV5661
Low Output Voltage,
Ultra−Fast 1.0 A Low Dropout
Linear Regulator with Enable
The NCP5661/NCV5661 is a high performance, low dropout linear
regulator designed for high power applications that require up to 1.0 A
current. It is offered in both fixed and adjustable output versions. With
output voltages as low as 0.9 V and ultra−fast response times for load
transients, the NCP5661/NCV5661 also provides additional features
such as Enable and Error Flag (for the fixed output version),
increasing the utility of these devices. A thermally robust, 5 pin DPAK
or DFN 3x3.3 mm, combined with an architecture that offers low
ground current (independent of load), provides for a superior
high−current LDO solution.
Features
Ultra−Fast Transient Response (Settling Time: 1−3 ms)
Low Noise Without Bypass Capacitor (26 mVrms)
Low Ground Current Independent of Load (3.0 mA Maximum)
Fixed/Adjustable Output Voltage Versions
Enable Function
Error Flag (Fixed Output Version)
Current Limit Protection
Thermal Protection
0.9 V Reference Voltage for Ultra−Low Output Operation
Power Supply Rejection Ratio > 65 dB
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
These are Pb−Free Devices
Applications
Servers
ASIC Power Supplies
Post Regulation for Power Supplies
Constant Current Source
Networking Equipment
Gaming and STB Modules
DPAK−5
CENTER LEAD CROP
CASE 175AA
1
5
MARKING
DIAGRAMS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
661xG
ALYWW
x
= A for Adjustable Version
B for Fixed 1.2 V
C for Fixed 3.3 V
D for Fixed 1.5 V
E for Fixed 1.8 V
F for Fixed 2.5 V
G for Fixed 2.8 V
H for Fixed 3.0 V
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free
G
= Pb−Free Package
1
DFN6
MN SUFFIX
CASE 506AX
661x
AYWW
G
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn