Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NCP5661 Datasheet(PDF) 4 Page - ON Semiconductor

No. de Pieza. NCP5661
Descripción  Low Output Voltage, Ultra−Fast 1.0 A Low Dropout Linear Regulator with Enable
Descarga  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

NCP5661 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP5661, NCV5661
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
(Vin − Vout = 1.5 V, for typical values TJ = 25°C, for min/max values TJ = −40°C to 125°C, Cin = Cout = 150 mF unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
FIXED OUTPUT VOLTAGE
Input Voltage
Vin
2.0
9.0
V
Output Noise Voltage (Vout = 0.9 V)
Vn
26
mVrms
Output Voltage Accuracy (Note 1)
TJ = 25°C (Iout = 10 mA to 1.0 A)
TJ = −20 to +125°C (Iout = 10 mA to 1.0 A)
TJ = −40 to +150°C (Iout = 10 mA to 1.0 A)
Vout
−1%
−1.5%
−2%
Vout
+1%
+1.5%
+2%
V
Line Regulation (Iout = 10 mA, Vout+1.5 V < Vin < 7.0 V)
REGline
0.03
%
Load Regulation (10 mA < Iout < 1.0 A)
REGload
0.2
%
Dropout Voltage (Iout = 1.0 A)
VDO
1.0
1.3
V
Peak Output Current Limit
Iout
1.0
A
Internal Current Limitation
Ilim
1.5
A
Ripple Rejection (120 Hz)
Ripple Rejection (1.0 kHz)
RR
70
65
dB
Thermal Shutdown (Guaranteed by Design)
TSHD
160
°C
Ground Current
Iout = 1.0 A
Disabled State
Iq
Iqds
1.3
30
3.0
300
mA
mA
Enable Input Threshold Voltage
Voltage Increasing, On State, Logic High
Voltage Decreasing, Off State, Logic Low
Ven
1.3
0.3
V
Enable Input Current
Enable Pin Voltage = 0.3 Vmax
Enable Pin Voltage = 1.3 Vmin
Ien
0.5
0.5
mA
Error Flag (Fixed Output)
1.2 V Output
1.5 V Output
1.8 V Output
2.5 V Output
2.8 V Output
3.0 V Output
3.3 V Output
Veflt
88
88
88
88
88
88
90
92
92
92
92
92
92
94
97
97
97
97
97
97
97
% of Vout
Error Flag Output Low Voltage Saturation (Ief = 1.0 mA)
Vefdo
200
mV
Error Flag Leakage
Iefleak
1.0
mA
Error Flag Blanking Time (Note 2)
Tef
50
ms
1. Fixed output voltages available at 0.9 V, 1.5 V, 1.8 V, 2.5 V, 3.0 V per request.
2. Can be disabled per customer request.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn