Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCM94328 Datasheet(PDF) 1 Page - Broadcom Corporation.

No. de pieza BCM94328
Descripción Electrónicos  AirForce One SINGLE-CHIP IEEE 802.11a/b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BOARDCOM [Broadcom Corporation.]
Página de inicio  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

BCM94328 Datasheet(HTML) 1 Page - Broadcom Corporation.

  BCM94328 Datasheet HTML 1Page - Broadcom Corporation. BCM94328 Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCM4328
®
AirForce One™ SINGLE-CHIP IEEE 802.11a/b/g™
MAC/BASEBAND/RADIO WITH INTEGRATED CPU
BCM94328 Sample Module
Highly integrated one-chip MAC, baseband, dual-band direct
conversion radio and ARM7™ processor for low-power embedded
applications.
Designed to meet exacting requirements of mobile devices,
including small form factor, ultra-low power consumption, and low
cost.
Footprint-compatible with BCM4326 single-chip
IEEE 802.11b/g™ 2.4-GHz band MAC/baseband/radio with
integrated CPU.
Support for multiple interface options popular in embedded
designs: SDIO (1- and 4-bit) and USB 2.0.
Embedded ARM7 CPU that executes the full WLAN driver,
eliminating the need for complicated wireless LAN integration into
the host platform.
Portable streamlined software interface for easy migration to
embedded operating systems.
Support for advanced Bluetooth
® coexistence algorithms with
hardware interface targeted at voice and multimedia applications.
On-chip boot ROM and SRAM for a complete WLAN subsystem.
Internal fractional nPLL allows support for a wide range of
reference clock frequencies.
Requires only a single 3.3V external supply voltage.
3.3V/1.8V-tolerant I/O.
Support for 2.5V–5.5V VBAT supplies with a single external
switching regulator.
On-chip UART and JTAG interfaces for ease of debugging.
Available in FBGA (0.5-mm pitch) and WLCSP (0.25-mm pitch)
packages.
Integrated power amplifier for medium-transmit power embedded
devices; interface to external power amplifier for high-power
applications.
DSP architecture reduces the power required to transmit data by
30 percent.
Low power consumption improves battery life of Wi-Fi
® devices,
including handheld devices and consumer electronics.
Integrated CPU; designed for low CPU usage to ensure that system
resources are available for handheld applications.
Dynamic power management through on-board PMU.
Only a single 3.3V external supply voltage is required.
SmartRadio™: continuous calibration reduces test time and
improves manufacturability.
Xpress™ technology: standards-based frame bursting improves
overall network efficiency.
125 High Sp eed M ode ™: s tan dards -plus pe rfo rm ance
enhancement delivers best real-world performance when both
client and AP support high-speed mode.
Enhanced BroadRange™ technology: standards-compliant
features increase receive sensitivity to improve range and distance
performance at higher data rates.
Security:
WPA™ (personal) and WPA2™ (personal) certified for powerful
encryption and authentication
AES and TKIP in hardware for faster data encryption and IEEE
802.11i™ compatibility
Cisco® Compatible Extensions (CCX, CCX2.0, CCX3.0, CCX4.0)
certified
SecureEasySetup™ for simple Wi-Fi setup and WPA2/WPA
security configuration
Worldwide support: global products supported with worldwide
homologated design.
OneDriver™: single driver across all platforms—IEEE 802.11a/b/
g/n—simplifies driver update process and improves customer
satisfaction.
FE A T UR E S
P O W E R MA NA G E ME N T
A i r F or ce ™ F E AT U R E S E T


Número de pieza similar - BCM94328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
BCM94321CB2 BOARDCOM-BCM94321CB2 Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
BCM94321MC BOARDCOM-BCM94321MC Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
BCM94321MP BOARDCOM-BCM94321MP Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
BCM94326 BOARDCOM-BCM94326 Datasheet
117Kb / 2P
   AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
More results

Descripción similar - BCM94328

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
BCM4326 BOARDCOM-BCM4326 Datasheet
117Kb / 2P
   AirForce One SINGLE-CHIP IEEE 802.11b/g MAC/BASEBAND/RADIO WITH INTEGRATED CPU
logo
Cypress Semiconductor
BCM4318EKFBG CYPRESS-BCM4318EKFBG Datasheet
1Mb / 54P
   AirForce One??Chip 802.11g MAC/Baseband/Radio
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43243KFFBG CYPRESS-BCM43243KFFBG Datasheet
1Mb / 78P
   Single-Chip IEEE 802.11 a/b/g/n 2횞2 MAC/Baseband/Radio
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
BCM4319GKUBGT CYPRESS-BCM4319GKUBGT Datasheet
2Mb / 84P
   Single-Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
CYW43438 CYPRESS-CYW43438 Datasheet
1Mb / 101P
   Single-Chip IEEE 802.11ac b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com