Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATTINY2313-20MU Datasheet(PDF) 62 Page - ATMEL Corporation

No. de pieza ATTINY2313-20MU
Descripción Electrónicos  8-bit Microcontroller with 2K Bytes In-System Programmable Flash
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY2313-20MU Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button ATTINY2313-20MU Datasheet HTML 58Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 59Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 60Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 61Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 62Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 63Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 64Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 65Page - ATMEL Corporation ATTINY2313-20MU Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 231 page
background image
62
ATtiny2313/V
2543I–AVR–04/06
External Interrupts
The External Interrupts are triggered by the INT0 pin, INT1 pin or any of the PCINT7..0
pins. Observe that, if enabled, the interrupts will trigger even if the INT0, INT1 or
PCINT7..0 pins are configured as outputs. This feature provides a way of generating a
software interrupt. The pin change interrupt PCIF will trigger if any enabled PCINT7..0
pin toggles. The PCMSK Register control which pins contribute to the pin change inter-
rupts. Pin change interrupts on PCINT7..0 are detected asynchronously. This implies
that these interrupts can be used for waking the part also from sleep modes other than
Idle mode.
The INT0 and INT1 interrupts can be triggered by a falling or rising edge or a low level.
This is set up as indicated in the specification for the “MCU Control Register – MCUCR”
on page 33. When the INT0 or INT1 interrupt is enabled and is configured as level trig-
gered, the interrupt will trigger as long as the pin is held low. Note that recognition of
falling or rising edge interrupts on INT0 and INT1 requires the presence of an I/O clock,
described in “Clock Systems and their Distribution” on page 24. Low level interrupt on
INT0 and INT1 is detected asynchronously. This implies that this interrupt can be used
for waking the part from sleep modes other than Idle mode. The I/O clock is halted in all
sleep modes except Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-down, the
required level must be held long enough for the MCU to complete the wake-up to trigger
the level interrupt. If the level disappears before the end of the Start-up Time, the MCU
will still wake up, but no interrupt will be generated. The start-up time is defined by the
SUT and CKSEL Fuses as described in “System Clock and Clock Options” on page 24.
Pin Change Interrupt
Timing
An example of timing of a pin change interrupt is shown in Figure 26.
Figure 26.
clk
PCINT(n)
pin_lat
pin_sync
pcint_in_(n)
pcint_syn
pcint_setflag
PCIF
PCINT(0)
pin_sync
pcint_syn
pin_lat
D
Q
LE
pcint_setflag
PCIF
clk
clk
PCINT(0) in PCMSK(x)
pcint_in_(0)
0
x


Número de pieza similar - ATTINY2313-20MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATTINY2313-20MU ATMEL-ATTINY2313-20MU Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
More results

Descripción similar - ATTINY2313-20MU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ATMEL Corporation
ATTINY2313-20 ATMEL-ATTINY2313-20 Datasheet
1Mb / 223P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313_06 Datasheet
181Kb / 17P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
387Kb / 8P
   8-Bit Microcontroller with 2K bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20 Datasheet
638Kb / 18P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY20 ATMEL-ATTINY20_11 Datasheet
5Mb / 224P
   8-bit Microcontroller with 2K Bytes In-System Programmable Flash
ATTINY2313 ATMEL-ATTINY2313 Datasheet
2Mb / 211P
   8-bit AVR Microcontroller with 2K Bytes In-System Programmable Flash
AT90S2313 ATMEL-AT90S2313 Datasheet
2Mb / 8P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L_1 Datasheet
884Kb / 56P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
ATTINY24A ATMEL-ATTINY24A Datasheet
545Kb / 20P
   8-bit Microcontroller with 2K/4K Bytes In-System Programmable Flash
ATTINY22L ATMEL-ATTINY22L Datasheet
252Kb / 11P
   8-bit Microcontroller with 2K Bytes of In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com