Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

T89C5115 Datasheet(PDF) 79 Page - ATMEL Corporation

No. de Pieza. T89C5115
Descripción  Low Pin Countl 8-bit Microcontroller with A/D Converter and 16 KBytes Flash Memory
Descarga  113 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo 

T89C5115 Datasheet(HTML) 79 Page - ATMEL Corporation

Zoom Inzoom in Zoom Outzoom out
 79 / 113 page
background image
79
AT89C5115
4128F–8051–05/06
Table 54. CCON Register
CCON (S:D8h)
PCA Counter Control Register
Reset Value = 00xx xx00b
76
54
32
1
0
CF
CR
-
-
-
-
CCF1
CCF0
Bit Number
Bit Mnemonic
Description
7CF
PCA Timer/Counter Overflow flag
Set by hardware when the PCA Timer/Counter rolls over. This
generates a PCA interrupt request if the ECF bit in CMOD register
is set.
Must be cleared by software.
6CR
PCA Timer/Counter Run Control bit
Clear to turn the PCA Timer/Counter off.
Set to turn the PCA Timer/Counter on.
5-2
-
Reserved
The value read from these bist are indeterminate. Do not set these
bits.
1
CCF1
PCA Module 1 Compare/Capture Flag
Set by hardware when a match or capture occurs. This generates a
PCA interrupt request if the ECCF 1 bit in CCAPM 1 register is set.
Must be cleared by software.
0
CCF0
PCA Module 0 Compare/Capture Flag
Set by hardware when a match or capture occurs. This generates a
PCA interrupt request if the ECCF 0 bit in CCAPM 0 register is set.
Must be cleared by software.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn